| Moteur de recherche de fiches techniques de composants électroniques |
|
PSD401A2 Fiches technique(PDF) 10 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PSD401A2 Fiches technique(HTML) 10 Page - STMicroelectronics |
|
10 / 123 page ![]() PSD4XX Family 7 7.0 PSD4XX Family There are 12 unique devices in the PSD4XX family. The part classifications are based on ZPLD configuration and size, EPROM size, and data bus width. The features of each part are listed in Table 1. See the ordering information section at the end of this document. Part Bus DPLD + GPLD I/O PMU EPROM SRAM # Bit Inputs Product Registered Pins K Bit K Bit Terms Macrocells 401A1 x8/x16 37 113 8 40 Yes 256 16 411A1 x8 37 113 8 40 Yes 256 16 402A1 x8/x16 37 113 8 40 Yes 512 16 412A0 x8 37 113 8 40 Yes 512 – 412A1 x8 37 113 8 40 Yes 512 16 403A1 x8/x16 37 113 8 40 Yes 1024 16 413A1 x8 37 113 8 40 Yes 1024 16 401A2 x8/x16 59 126 24 40 Yes 256 16 411A2 x8 59 126 24 40 Yes 256 16 402A2 x8/x16 59 126 24 40 Yes 512 16 412A2 x8 59 126 24 40 Yes 512 16 403A2 x8/x16 59 126 24 40 Yes 1024 16 413A2 x8 59 126 24 40 Yes 1024 16 Table 1. PSD4XX Product Matrix NOTE: PMU = Power Management Unit. |