Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST40RA Fiches technique(PDF) 39 Page - STMicroelectronics

No de pièce ST40RA
Description  32-bit Embedded SuperH Device
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST40RA Fiches technique(HTML) 39 Page - STMicroelectronics

Back Button ST40RA Datasheet HTML 35Page - STMicroelectronics ST40RA Datasheet HTML 36Page - STMicroelectronics ST40RA Datasheet HTML 37Page - STMicroelectronics ST40RA Datasheet HTML 38Page - STMicroelectronics ST40RA Datasheet HTML 39Page - STMicroelectronics ST40RA Datasheet HTML 40Page - STMicroelectronics ST40RA Datasheet HTML 41Page - STMicroelectronics ST40RA Datasheet HTML 42Page - STMicroelectronics ST40RA Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 94 page
background image
6 Clock generation
ST40RA
39/94
STMicroelectronics
ADCS 7260755H
6.6.1
CLOCKGENB.CLK_SELCR register
CLOCKGENB.CLK_SELCR
Clock source selection
0x0068
The CLKGENB.CLK_SELCR register controls the selection of clock domain clock sources
0
LMI_SEL
Reserved
Reset state: 0
1
PCI_SEL
Select PCI clock
0: PCI_SS_CLK from CLOCKGENA_12
1: PCI_SS_CLK from CLOCKGENA_13
Reset state: 0
RW
[2:3]
EMI_SEL
Select EMI clock
00: EMI_SS_CLK from CLOCKGENA_12
01: EMI_SS_CLK from CLOCKGENA_13
10: EMI_SS_CLK from CLOCKGENA_14
11: EMI_SS_CLK from CLOCKGENB_12
Reset state: 00
RW
[4:7]
EXT_CLK_SEL
Not used
Reset state: 0000
[8:31]
Reserved
Reset state: 0
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94