Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST40RA Fiches technique(PDF) 62 Page - STMicroelectronics

No de pièce ST40RA
Description  32-bit Embedded SuperH Device
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST40RA Fiches technique(HTML) 62 Page - STMicroelectronics

Back Button ST40RA Datasheet HTML 58Page - STMicroelectronics ST40RA Datasheet HTML 59Page - STMicroelectronics ST40RA Datasheet HTML 60Page - STMicroelectronics ST40RA Datasheet HTML 61Page - STMicroelectronics ST40RA Datasheet HTML 62Page - STMicroelectronics ST40RA Datasheet HTML 63Page - STMicroelectronics ST40RA Datasheet HTML 64Page - STMicroelectronics ST40RA Datasheet HTML 65Page - STMicroelectronics ST40RA Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 94 page
background image
ADCS 7260755H
STMicroelectronics
62/94
ST40RA
8 Pin description
LDATA31
B6
MD31
Memory data
SL
I/O
LDATA32
F1
MD32
Memory data
SL
I/O
LDATA33
F2
MD33
Memory data
SL
I/O
LDATA34
E1
MD34
Memory data
SL
I/O
LDATA35
E2
MD35
Memory data
SL
I/O
LDATA36
D1
MD36
Memory data
SL
I/O
LDATA37
D2
MD37
Memory data
SL
I/O
LDATA38
C1
MD38
Memory data
SL
I/O
LDATA39
C2
MD39
Memory data
SL
I/O
LDATA40
K1
MD40
Memory data
SL
I/O
LDATA41
K2
MD41
Memory data
SL
I/O
LDATA42
J1
MD42
Memory data
SL
I/O
LDATA43
J2
MD43
Memory data
SL
I/O
LDATA44
H1
MD44
Memory data
SL
I/O
LDATA45
H2
MD45
Memory data
SL
I/O
LDATA46
G1
MD46
Memory data
SL
I/O
LDATA47
G2
MD47
Memory data
SL
I/O
LDATA48
T1
MD48
Memory data
SL
I/O
LDATA49
T2
MD49
Memory data
SL
I/O
LDATA50
R1
MD50
Memory data
SL
I/O
LDATA51
R2
MD51
Memory data
SL
I/O
LDATA52
P1
MD52
Memory data
SL
I/O
LDATA53
P2
MD53
Memory data
SL
I/O
LDATA54
N1
MD54
Memory data
SL
I/O
LDATA55
N2
MD55
Memory data
SL
I/O
LDATA56
Y1
MD56
Memory data
SL
I/O
LDATA57
Y2
MD57
Memory data
SL
I/O
LDATA58
W1
MD58
Memory data
SL
I/O
LDATA59
W2
MD59
Memory data
SL
I/O
LDATA60
V1
MD60
Memory data
SL
I/O
LDATA61
V2
MD61
Memory data
SL
I/O
LDATA62
U1
MD62
Memory data
SL
I/O
LDATA63
U2
MD63
Memory data
SL
I/O
LBANK0
J3
BA0
Mem bank address
SL
O
Pin name
Loc
Architecture
signal name
Pin function
Pin
Default
Alternate
Type
Dir
Table 35: PBGA ballout for ST40RA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94