Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST40RA Fiches technique(PDF) 64 Page - STMicroelectronics

No de pièce ST40RA
Description  32-bit Embedded SuperH Device
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST40RA Fiches technique(HTML) 64 Page - STMicroelectronics

Back Button ST40RA Datasheet HTML 60Page - STMicroelectronics ST40RA Datasheet HTML 61Page - STMicroelectronics ST40RA Datasheet HTML 62Page - STMicroelectronics ST40RA Datasheet HTML 63Page - STMicroelectronics ST40RA Datasheet HTML 64Page - STMicroelectronics ST40RA Datasheet HTML 65Page - STMicroelectronics ST40RA Datasheet HTML 66Page - STMicroelectronics ST40RA Datasheet HTML 67Page - STMicroelectronics ST40RA Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 94 page
background image
ADCS 7260755H
STMicroelectronics
64/94
ST40RA
8 Pin description
LDQM5
L1
DQM5
SDRAM data mask
SL
O
LDQM6
M2
DQM6
SDRAM data mask
SL
O
LDQM7
Y3
DQM7
SDRAM data mask
SL
O
NOTLCSA0
C9
NOTCSA0
Chip select A
SL
O
NOTLCSA1
D9
NOTCSA1
Chip select A
SL
O
NOTLCSB0
H3
NOTCSB0
Chip select B
SL
O
NOTLCSB1
H4
NOTCSB1
Chip select B
SL
O
NOTLRASA
C8
NOTRASA
Row add strobe A
SL
O
NOTLRASB
K4
NOTRASB
Row add strobe B
SL
O
NOTLCASA
C7
NOTCASA
Column add strobe A
SL
O
NOTLCASB
L4
NOTCASB
Column add strobe B
SL
O
NOTLWEA
D6
NOTWEA
Write enable A
SL
O
NOTLWEB
J5
NOTWEB
Write enable B
SL
O
LCLKEN0
C6
CKE0
Clock enable
SL
O
LCLKEN1
K3
CKE1
Clock enable
SL
O
PAD0
T17
PCI_AD0
PCI address and data
P8
I/O
PAD1
T18
PCI_AD1
PCI address and data
P8
I/O
PAD2
R19
PCI_AD2
PCI address and data
P8
I/O
PAD3
R20
PCI_AD3
PCI address and data
P8
I/O
PAD4
R17
PCI_AD4
PCI address and data
P8
I/O
PAD5
R18
PCI_AD5
PCI address and data
P8
I/O
PAD6
P19
PCI_AD6
PCI address and data
P8
I/O
PAD7
P20
PCI_AD7
PCI address and data
P8
I/O
PAD8
P17
PCI_AD8
PCI address and data
P8
I/O
PAD9
P18
PCI_AD9
PCI address and data
P8
I/O
PAD10
N19
PCI_AD10
PCI address and data
P8
I/O
PAD11
N20
PCI_AD11
PCI address and data
P8
I/O
PAD12
N17
PCI_AD12
PCI address and data
P8
I/O
PAD13
N18
PCI_AD13
PCI address and data
P8
I/O
PAD14
M19
PCI_AD14
PCI address and data
P8
I/O
PAD15
M20
PCI_AD15
PCI address and data
P8
I/O
PAD16
K17
PCI_AD16
PCI address and data
P8
I/O
PAD17
K18
PCI_AD17
PCI address and data
P8
I/O
PAD18
J19
PCI_AD18
PCI address and data
P8
I/O
Pin name
Loc
Architecture
signal name
Pin function
Pin
Default
Alternate
Type
Dir
Table 35: PBGA ballout for ST40RA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94