Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST20C2 Fiches technique(PDF) 181 Page - STMicroelectronics

No de pièce ST20C2
Description  Instruction Set Reference Manual
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20C2 Fiches technique(HTML) 181 Page - STMicroelectronics

Back Button ST20C2 Datasheet HTML 177Page - STMicroelectronics ST20C2 Datasheet HTML 178Page - STMicroelectronics ST20C2 Datasheet HTML 179Page - STMicroelectronics ST20C2 Datasheet HTML 180Page - STMicroelectronics ST20C2 Datasheet HTML 181Page - STMicroelectronics ST20C2 Datasheet HTML 182Page - STMicroelectronics ST20C2 Datasheet HTML 183Page - STMicroelectronics ST20C2 Datasheet HTML 184Page - STMicroelectronics ST20C2 Datasheet HTML 185Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 212 page
background image
sulmul
181/212
®
sulmul
signed times unsigned long multiply
Code: 26 F5
Description: Perform signed long multiplication. This instruction forms the double
length product of Areg and Breg, with Creg as carry in, treating the initial value Areg
as signed and Breg as unsigned.
Definition:
Areg
unsigned
← prod rem 2BitsPerWord
Breg
′← prod / 2BitsPerWord
Creg
′← undefined
where prod
= (Breg
unsigned × Areg) + Cregunsigned
the value of prod is calculated to unlimited precision
Error signals: none
Comments:
Secondary instruction.
See also:
lmul slmul



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More