| Moteur de recherche de fiches techniques de composants électroniques |
|
TDA7590 Fiches technique(PDF) 35 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TDA7590 Fiches technique(HTML) 35 Page - STMicroelectronics |
|
35 / 40 page ![]() TDA7590 Appendix 1 35/40 bset #12,x:SCR_ADR ; start SCI transmit mac x0,y0,a x:(r3)+,x0 y:(r4)+,y0 ; generates variations on mean value of DAC move #$AAAAAA,x0 move x0,x:$CAAAAA ; send data to expansion port move x0,x:GPIODAT ; move PORTB pins bset #12,x:SCR_ADR ; start SCI transmit mac x0,y0,a x:(r3)+,x0 y:(r4)+,y0 ; generates variations on mean value of DAC move #$555555,x0 move x0,x:$C55555 ; send data to expansion port move x0,x:GPIODAT ; move PORTB pins jmp LOOP ENDIF ;------------------------------------------------------------------------ ; Interrupt Service Routines ;------------------------------------------------------------------------ ;SAI ;------------------------------------------------------------------------ INT_TDE ; The transmitter data empty flag is cleared as soon ; as the last move is performed Movep a,y:<<SAI_TX0 ; Load LEFT transmit data register for channel 0 nop nop movep b,y:<<SAI_TX0 ; Load RIGHT transmit data register for channel 0 rti INT_RDR ; The receiver data ready flag is cleared as soon ; as the last move is performed movep y:<<SAI_RX0,a ; Move Channel 0 received LEFT data to x-memory. move a,x:(r0) nop nop movep y:<<SAI_RX0,b ; Move channel 0 received RIGHT data to y-memory. move b,y:(r0)+ rti INT_ROF bset #16,y:SAI_RCS bclr #16,y:SAI_RCS rti INT_TUF bset #16,y:SAI_TCS bclr #16,y:SAI_RCS rti ;TIMER |