Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA7590 Fiches technique(PDF) 28 Page - STMicroelectronics

No de pièce TDA7590
Description  Digital signal processing IC for speech and audio applications
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7590 Fiches technique(HTML) 28 Page - STMicroelectronics

Back Button TDA7590 Datasheet HTML 24Page - STMicroelectronics TDA7590 Datasheet HTML 25Page - STMicroelectronics TDA7590 Datasheet HTML 26Page - STMicroelectronics TDA7590 Datasheet HTML 27Page - STMicroelectronics TDA7590 Datasheet HTML 28Page - STMicroelectronics TDA7590 Datasheet HTML 29Page - STMicroelectronics TDA7590 Datasheet HTML 30Page - STMicroelectronics TDA7590 Datasheet HTML 31Page - STMicroelectronics TDA7590 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 40 page
background image
Appendix 1
TDA7590
28/40
; settings for the clock control register
;
321098765432109876543210
;INIT_PLL_CLKCTL EQU
$018cc1
INIT_PLL_CLKCTL EQU
%000000011000001011000001
; $018cc1
;
0001 --- DSPDF =1 (actual = DSPDF+1=3)
;
00 ------- TESTSEL
;
1 --------- DCKSRC (0:XTI; 1:FVCO)
;
1 ---------- DACLKEN (1: enable CODEC clocks)
;
0000010 ----------- MFSDF =2 (actual =MFSDF+1 = 3 )
;
011 ------------------ SEL (000:128,001:256, 010:384, etc)
;
0 --------------------- DSP_XTI (0:vco/DSPDF; 1:xti)
;
0 ---------------------- DAC_SEL (0:vco/MFSDF; 1:ext_dac_clk)
;
0 ----------------------- XTLD (0:Enabled; 1:Disabled)
ENDIF
; Settings per sci 115200
;------------------------------------------------------------------------
;
Timer Intitialisation values
;------------------------------------------------------------------------
;--- TCSR0 --------------------------------------------------------------------
; settings for the Timer Control/Status Register
;
321098765432109876543210
INIT_TCSR0
EQU
%000000001000101000000100
; $8A04
mode0 / trm=1 / tce=1 / pce=1/ dir=out
INIT_TCSR1
EQU
%000000001000101000000100
; $8A04
mode0 / trm=1 / tce=1 / pce=1/ dir=out
INIT_TCSR2
EQU
%000000001000101000000100
; $8A04
mode0 / trm=1 / tce=1 / pce=1/ dir=out
;
xx ----------------------->[23-22]; unused
;
0 ---------------------->[21]
TCF
; Timer Compare Flag
;
0 --------------------->[20]
TOF
; Timer Overflow Flag
;
xxxx ----------------->[19-16]
; unused
;
0 ---------------->[15]
PCE
; Prescaler Clock Enable
;
x --------------->[14]
; unused
;
0 -------------->[13]
DO
; Data Output
;
0 ------------->[12]
DI
; Data Input
;
1 ------------>[11]
DIR
; Direction
;
x ----------->[10]
; unused
;
1 ---------->[ 9]
TRM
; Timer Reload Mode
;
0 --------->[ 8]
INV
; Inverter
;
0000 ----->[7-4]
Tc[3-0]
; Timer Control =
Mode0
;
x ---->[ 3]
; unused
;
1 --->[ 2]
TCIE
; Timer Compare Interrupt Enable
;
0 -->[ 1]
TOIE
; Timer Overflow Enable
;
0 ->[ 0]
TE
; Timer Enable
;--- TLR0 --------------------------------------------------------------------
; settings for the Timer Load Register
INIT_TLR0
EQU
$000000
INIT_TLR1
EQU
$000000
INIT_TLR2
EQU
$000000
;--- TCPR0 --------------------------------------------------------------------
; settings for the Timer Compare Register
;INIT_TCPR0
EQU
$000002
;INIT_TCPR1
EQU
$000004
;INIT_TCPR2
EQU
$000008
INIT_TCPR0
EQU
$000000
INIT_TCPR1
EQU
$000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40