| Moteur de recherche de fiches techniques de composants électroniques |
|
TDA7590 Fiches technique(PDF) 10 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TDA7590 Fiches technique(HTML) 10 Page - STMicroelectronics |
|
10 / 40 page ![]() Pin description TDA7590 10/40 110 DB[8] I/O Data Bus line 8. Port A external data bus. 111 IOVDD I IO Power Supply. 112 IOVSS I IO Ground. 113 DB[9] I/O Data Bus line 9. Port A external data bus. 114 DB[10] I/O Data Bus line 10. Port A external data bus. 115 DB[11] I/O Data Bus line 11. Port A external data bus. 116 DB[12] I/O Data Bus line 12. Port A external data bus. 117 DB[13] I/O Data Bus line 13. Port A external data bus. 118 DB[14] I/O Data Bus line 14. Port A external data bus. 119 IOVDD I IO Power Supply. 120 IOVSS I IO Ground. 121 DB[15] I/O Data Bus line 15. Port A external data bus. 122 DB[16] I/O Data Bus line 16. Port A external data bus. 123 DB[17] I/O Data Bus line 17. Port A external data bus. 124 DB[18] I/O Data Bus line 18. Port A external data bus. 125 DB[19] I/O Data Bus line 19. Port A external data bus. 126 COREVDD I Core Power Supply. 127 COREVSS I Core Ground. 128 DB[20] I/O Data Bus line 20. Port A external data bus. 129 IOVDD I IO Power Supply. 130 IOVSS I IO Ground. 131 DB[21] I/O Data Bus line 21. Port A external data bus. 132 DB[22] I/O Data Bus line 22. Port A external data bus. 133 DB[23] I/O Data Bus line 23. Port A external data bus. 134 IRQA I Interrupt Request line/ Mode control. Used as mode control during RESET and as interrupt request line at all other times. 135 IRQB I Interrupt Request line/ Mode control. Used as mode control during RESET and as interrupt request line at all other times. 136 IRQC I Interrupt Request line/ Mode control. Used as mode control during RESET and as interrupt request line at all other times. 137 IRQD I Interrupt Request line/ Mode control. Used as mode control during RESET and as interrupt request line at all other times. 138 TRSTN I Test Reset. JTAG output pin for serial data out from debug interface. 139 TDI I Test Data Input. JTAG input pin for serial data input for debug interface. 140 TCK I Test Clock. JTAG input pin for clocking debug interface. Table 1. Pin function (continued) N° Name Type Description |