| Moteur de recherche de fiches techniques de composants électroniques |
|
ST20-C1 Fiches technique(PDF) 148 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST20-C1 Fiches technique(HTML) 148 Page - STMicroelectronics |
|
148 / 205 page ![]() 148/205 ® statusclr clear bits in status register Code: 22 F7 Description: Clear the bits of the status register which are set in the Areg. The initial status register value is returned in the Areg. Definition: Areg ′← Status Status ′← Status ∧ ~Areg Status Register: The bits of Areg which are set will be cleared in the Status Register. Comments: Secondar y instruction. See also: statusset statustst section 4.12. |