Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST20-C1 Fiches technique(PDF) 51 Page - STMicroelectronics

No de pièce ST20-C1
Description  Instruction Set Reference Manual
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20-C1 Fiches technique(HTML) 51 Page - STMicroelectronics

Back Button ST20-C1 Datasheet HTML 47Page - STMicroelectronics ST20-C1 Datasheet HTML 48Page - STMicroelectronics ST20-C1 Datasheet HTML 49Page - STMicroelectronics ST20-C1 Datasheet HTML 50Page - STMicroelectronics ST20-C1 Datasheet HTML 51Page - STMicroelectronics ST20-C1 Datasheet HTML 52Page - STMicroelectronics ST20-C1 Datasheet HTML 53Page - STMicroelectronics ST20-C1 Datasheet HTML 54Page - STMicroelectronics ST20-C1 Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 205 page
background image
51/205
4 Using ST20-C1 instructions
®
A C function is used for purposes of illustration. For simplicity, it is assumed that the
single result can be returned in the evaluation stack:
ajw -local_variables-1;
P;
E;
ldl local_variables;
ajw local_variables+1;
jab;
One of the loading sequences described earlier may be required if the expressions
returned in the registers contain evaluations.
4.10.4 Calling a function
The first three par ameters should be loaded into the evaluation stack before the
fcall
instruction. These parameters can be stored as local variables after the workspace
pointer has been moved down, to make the best use of the work space cache. The
remainder of the parameters passed should be loaded into the work space before
fcall
is executed.
When the function returns, the results whose addresses were passed will already
have been stored so all that remains is to store up to 2 results returned in the evalua-
tion stack.
For example the function call
V = F(E1, .. ., En)
could be compiled by
E3; stl 0; . . . ; En; stl (n-3);
E2;E1; static_link; fcall F;
stl V;
The compiler must have already allocated sufficient workspace for the parameters that
are stacked explicitly.
Single result functions
In most programming languages, a function that returns a single result can be used in
an expression as well as in an assignment.
A common form of function returns a single value contained in a word — the
mechanism described above will return this in Areg. When compiling expressions,
(using the algorithm described in section C.3 in Appendix C) the depth of such a
function call should be taken as being infinite — i.e. deeper than any other form of
expression. This is because the function call will always lose any other information in
the registers. By giving it infinite depth the expression compilation algorithm will never
call a function while another expression result is being held in a register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More