| Moteur de recherche de fiches techniques de composants électroniques |
|
ST20-C1 Fiches technique(PDF) 8 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST20-C1 Fiches technique(HTML) 8 Page - STMicroelectronics |
|
8 / 205 page ![]() 2.2 Instruction definitions 8/205 ® For example, the and instruction contains the following description: Definition: Areg ′← Breg ∧ Areg Breg ′← Creg Creg ′← Areg This says that the integer stack is rotated and Areg is assigned the bitwise AND of the values that were initially in Breg and Areg. After the instruction has executed Breg contains the value that was originally in Creg, and Creg has the value that was in Areg. The notation is described more fully in section 2.2. 2.1.5 Status Register This section of the instruction definitions lists an y changes to bits of the Status register which can occur. The Status register is described in more detail in section 3.3.2. 2.1.6 Comments This section is used for listing other information about the instructions that may be of interest. This includes an indication of the type of the instruction: “Primary instruction” — indicates one of the 13 functions which may be directly encoded with an operand in a single byte instruction. “Secondar y instruction” — indicates an instruction which is encoded using opr. An explanation of the primary and secondary instruction formats is given in section 3.4. The Comments section also describes any situations where the operation of the instruction is undefined or invalid and any limits to the parameter values. For example, the only comment listed for the and instruction is: Comments: Secondary instruction. This says that and is a secondar y instruction. 2.2 Instruction definitions The following sections give a full description of the notation used in the formal defini- tion section of the instruction descriptions. |