Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M69U Fiches technique(PDF) 4 Page - OSRAM GmbH

No de pièce M69U
Description  DECOSTAR 51/51S
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

M69U Fiches technique(HTML) 4 Page - OSRAM GmbH

  M69U Datasheet HTML 1Page - OSRAM GmbH M69U Datasheet HTML 2Page - OSRAM GmbH M69U Datasheet HTML 3Page - OSRAM GmbH M69U Datasheet HTML 4Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Technical Information
Halogen lamp with dichroic reflector
∅ 51 mm
DECOSTAR 51/51S
Temperature behaviour:
Pinch
Pin
Reflector
Joint
Measurement point (see
"Geometry")
P1
P2
P3
P4
Burning position
cap up
Max. temperatures permitted
acc. to IEC
350°C
250°C *
-
240°C
Operating temperatures
20W
155°C
100°C
115°C
110°C
measured free burning
35W
230°C
140°C
145°C
140°C
50W
300°C
185°C
165°C
160°C
*For 20W and lower only 220°C are permitted according to IEC 60432.
Measurement conditions:
Measurement in the most unfavourable burning position for the pinch and pins.
The burning position only has a minimum influence on the temperature of the top part of
the reflector and on the joint.
Surrounding temperature: 25° (acc to DIN 5032)
Voltage: 12,0V
Lamp holder: Bender & Wirth 884
Operating temperatures for free burning use are not obliging and are useful only for
orientation.
Operating conditions:
Burning positions
Any
Dimmability
100%
Areas of application
For outdoor applications and operation in damp locations special approved fixtures are
required.
Near field
The lamps are not qualified for applications, whereat defined near field features are
necessary.
Safety informations:
According to IEC 60598-1/DIN VDE 0711 "minimum security distance" the max.
temperature permitted is 90°C. This max. temperature has to be ensured by the minimum
distance. This distance has to be determined through the luminaire manufacturer by
appropriate measurements and specified on the luminaire.
When replacing conventional dichroic reflector lamps without cover pane by Decostar 51S,
temperature inside the lighting will rise. For this reason the suitability of the use of a
luminaire with a lamp with cover pane must be secured (see use instructions of control
gear).
Environmental sensitivity:
DECOSTAR 51/51S can be disposed of as household waste.
In the first few hours of operation humidity may be expelled from the glue.
Validity:
These technical information sheets (TI-sheets) are updated in irregular intervals. The user
is responsible to ensure that the information they have is up to date and still valid. Once a
new TI sheet has been issued, former editions are to be seen as invalid and disposed of.
HAL M-M, Edition November 05
Subject to alteration
4/4



Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com