Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M69U Fiches technique(PDF) 3 Page - OSRAM GmbH

No de pièce M69U
Description  DECOSTAR 51/51S
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

M69U Fiches technique(HTML) 3 Page - OSRAM GmbH

  M69U Datasheet HTML 1Page - OSRAM GmbH M69U Datasheet HTML 2Page - OSRAM GmbH M69U Datasheet HTML 3Page - OSRAM GmbH M69U Datasheet HTML 4Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Technical Information
Halogen lamp with dichroic reflector
∅ 51 mm
DECOSTAR 51/51S
Geometry:
Values in mm
Nomin.*
DECOSTAR 51/51S
Dim. IEC-Norm*
Overall length
C
Nmax. + Fmax.
46 max.
Length of Reflector
N
37,3
± 0,4
35,8 - 38,4
Diameter of Reflector
D
50,7 - 1,3
49,4 - 50,7
Width of Reflector edge
A
0,3 min.
0,3 min.
Thickness of Reflector edge
V
2
± 0,2
1,8 -2,4
collar nomin.
H1 x H2
12,75 max. x 19,0 max.
distance 14 mm
from collar end
see free space
IEC 60061
Position GU-groove
T
7,85
± 0,35
7,45 - 8,25
Depth GU-groove
0,4 + 0,3
0,4 min.
Width GU-groove
A1
1,5 + 0,5
1,5 min.
Pin length
F
7
± 0,5
6,1 - 7,62
Pin distance
Ds
5,33
± 0,25
5,33
Pin diameter
1,53
1,45 - 1,60
Nominations and dimensions acc. IEC 60357, IEC 60061
Please note:
Dimensions and tolerances are subject to change within the IEC regulations! Not explicitly given
dimensions cannot be evaluated by measuring lamp samples!
HAL M-M, Edition November 05
Subject to alteration
3/4



Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com