Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M69U Fiches technique(PDF) 2 Page - OSRAM GmbH

No de pièce M69U
Description  DECOSTAR 51/51S
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

M69U Fiches technique(HTML) 2 Page - OSRAM GmbH

  M69U Datasheet HTML 1Page - OSRAM GmbH M69U Datasheet HTML 2Page - OSRAM GmbH M69U Datasheet HTML 3Page - OSRAM GmbH M69U Datasheet HTML 4Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Technical Information
Halogen lamp with dichroic reflector
∅ 51 mm
DECOSTAR 51/51S
Technical light data:
Maintenance
Decrease of axial luminous intensity < 20% after 75% of the nominal life time.
Spectral distribution
visible light
DECOSTAR 12V/50W
UV-radiation
The irradiance is clear below the NIOSH-threshold values for skin and eye.
Due to UV-absorbing quartz glass respectively due to the integrated cover pan the bleaching is
clear reduced (depending on radiated material).
Light distribution
Available at www.myosram.com
HAL M-M, Edition November 05
Subject to alteration
2/4



Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com