Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STMPE821 Fiches technique(PDF) 37 Page - STMicroelectronics

No de pièce STMPE821
Description  8-bit Xpander Logic??with touchkey controller
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE821 Fiches technique(HTML) 37 Page - STMicroelectronics

Back Button STMPE821 Datasheet HTML 33Page - STMicroelectronics STMPE821 Datasheet HTML 34Page - STMicroelectronics STMPE821 Datasheet HTML 35Page - STMicroelectronics STMPE821 Datasheet HTML 36Page - STMicroelectronics STMPE821 Datasheet HTML 37Page - STMicroelectronics STMPE821 Datasheet HTML 38Page - STMicroelectronics STMPE821 Datasheet HTML 39Page - STMicroelectronics STMPE821 Datasheet HTML 40Page - STMicroelectronics STMPE821 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 55 page
background image
STMPE821
Capacitive touch module registers
37/55
CALIBRATED_IMPEDANCE
Calibrated impedance
Address:
0x70 - 0x77
Type:
R
Reset:
0x00
Description:
Calibrated impedance is an integral reference value maintained by the device.
IMPEDANCE
Impedance
Address:
0x80 - 0x87
Type:
R
Reset:
0x00
Description:
Impedance is the instantaneous impedance value seen at the input pin of eac cap.
sensing pin.
765
432
10
CAL_IMPEDANCE
[7:0] CALIBRATED IMPEDANCE:
Calibrated reference impedance
765
432
10
IMPEDANCE
[7:0] IMPEDANCE:
Currently sensed impedance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55