Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STMPE821 Fiches technique(PDF) 31 Page - STMicroelectronics

No de pièce STMPE821
Description  8-bit Xpander Logic??with touchkey controller
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE821 Fiches technique(HTML) 31 Page - STMicroelectronics

Back Button STMPE821 Datasheet HTML 27Page - STMicroelectronics STMPE821 Datasheet HTML 28Page - STMicroelectronics STMPE821 Datasheet HTML 29Page - STMicroelectronics STMPE821 Datasheet HTML 30Page - STMicroelectronics STMPE821 Datasheet HTML 31Page - STMicroelectronics STMPE821 Datasheet HTML 32Page - STMicroelectronics STMPE821 Datasheet HTML 33Page - STMicroelectronics STMPE821 Datasheet HTML 34Page - STMicroelectronics STMPE821 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 55 page
background image
STMPE821
Capacitive touch module registers
31/55
INT_CLR
Interrupt clear
Address:
0x27
Type:
R/W
Reset:
0x00
Description:
Writing '1' to this register clears the corresponding interrupt source in INT_PENDING
register.
7654
3
2
1
0
RESERVED
EOC
I2A
A2I
RESERVED
[7:4] 0x90
[3] EOC:
End of calibration
This interrupt occurs on both automatic and forced calibration
[2] I2A:
SLEEP to Active transition
[1] A2I:
Active to SLEEP transition
[0] RESERVED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55