Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NRF7002-CEAA-R7 Fiches technique(PDF) 24 Page - Nordic Semiconductor

No de pièce NRF7002-CEAA-R7
Description  nRF7002
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NORDIC [Nordic Semiconductor]
Site Internet  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF7002-CEAA-R7 Fiches technique(HTML) 24 Page - Nordic Semiconductor

Back Button NRF7002-CEAA-R7 Datasheet HTML 20Page - Nordic Semiconductor NRF7002-CEAA-R7 Datasheet HTML 21Page - Nordic Semiconductor NRF7002-CEAA-R7 Datasheet HTML 22Page - Nordic Semiconductor NRF7002-CEAA-R7 Datasheet HTML 23Page - Nordic Semiconductor NRF7002-CEAA-R7 Datasheet HTML 24Page - Nordic Semiconductor NRF7002-CEAA-R7 Datasheet HTML 25Page - Nordic Semiconductor NRF7002-CEAA-R7 Datasheet HTML 26Page - Nordic Semiconductor NRF7002-CEAA-R7 Datasheet HTML 27Page - Nordic Semiconductor NRF7002-CEAA-R7 Datasheet HTML 28Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 69 page
background image
Coexistence
8.1 Bluetooth LE/IEEE 802.15.4 timing
This section provides Bluetooth LE/IEEE 802.15.4 timing diagrams and parameters.
3-wire with multiplexed priority
The following diagram shows external Bluetooth LE/IEEE 802.15.4 timing parameters when SR_STATUS
carries both priority and TX/RX information in a time multiplexed manner.
T2
SR_REQUEST
SR_REQUEST lead time
Transaction time
T1
t1
t2
t3 t4
t5
time
Tx/Rx
SR_STATUS
Priority
SR_GRANT
Grant
T3
Figure 14: 3-wire timing with priority multiplexing
Parameter
Description
T1: SR_REQUEST lead time period The time SR_REQUEST is asserted before actual transactions.
T2: SR_STATUS
The time when SR_STATUS is sampled to get SR_PTI information.
T3: SR_GRANT
The time before PTA should post SR_GRANT so that it is stable to be
considered by the Bluetooth LE/IEEE 802.15.4 device.
Table 7: Bluetooth LE/IEEE 802.15.4 timing parameters
The Bluetooth LE/IEEE 802.15.4 timing parameters are used to derive PTA timing parameters. The
following table describes the relationship between PTA timing parameters and Bluetooth LE/IEEE 802.15.4
timing parameters.
PTA timing parameter
Relation with Bluetooth LE/IEEE 802.15.4 timing
parameter
Bluetooth LE/IEEE 802.15.4 device status priority
sampling time (t2)
t1 < t2 < (t1+T2)
PTA arbitration decision time (t3)
(t1+T2) < t3 < (T1-T3)
Table 8: PTA and Bluetooth LE/IEEE 802.15.4 timing parameters
4486_184 v1.2
24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69