| Moteur de recherche de fiches techniques de composants électroniques |
|
NRF7002-CEAA-R7 Fiches technique(PDF) 21 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF7002-CEAA-R7 Fiches technique(HTML) 21 Page - Nordic Semiconductor |
|
21 / 69 page ![]() Quad Serial Peripheral Interface Symbol Parameter Min. Nom. Max. Units Note tUDP,TX,QSPI Max UDP TX mode throughput over QSPI 56 Mbps tUDP,RX,QSPI Max UDP RX mode throughput over QSPI 61 Mbps tUDP,TX,SPIM Max UDP TX mode throughput over SPIM 14 Mbps tUDP,RX,SPIM Max UDP RX mode throughput over SPIM 14 Mbps tTCP,TX,QSPI Max TCP TX mode throughput over QSPI 40 Mbps tTCP,RX,QSPI Max TCP RX mode throughput over QSPI 42 Mbps tTCP,TX,SPIM Max TCP TX mode throughput over SPIM 12 Mbps tTCP,RX,SPIM Max TCP RX mode throughput over SPIM 12 Mbps Table 5: UDP/TCP throughputs Note: Measured throughputs for various usage profiles can be found in nRF Connect SDK - nRF70 Series Usage profiles. 4486_184 v1.2 21 |