Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NRF7002-QFAA-R Fiches technique(PDF) 23 Page - Nordic Semiconductor

No de pièce NRF7002-QFAA-R
Description  nRF7002
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NORDIC [Nordic Semiconductor]
Site Internet  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF7002-QFAA-R Fiches technique(HTML) 23 Page - Nordic Semiconductor

Back Button NRF7002-QFAA-R Datasheet HTML 19Page - Nordic Semiconductor NRF7002-QFAA-R Datasheet HTML 20Page - Nordic Semiconductor NRF7002-QFAA-R Datasheet HTML 21Page - Nordic Semiconductor NRF7002-QFAA-R Datasheet HTML 22Page - Nordic Semiconductor NRF7002-QFAA-R Datasheet HTML 23Page - Nordic Semiconductor NRF7002-QFAA-R Datasheet HTML 24Page - Nordic Semiconductor NRF7002-QFAA-R Datasheet HTML 25Page - Nordic Semiconductor NRF7002-QFAA-R Datasheet HTML 26Page - Nordic Semiconductor NRF7002-QFAA-R Datasheet HTML 27Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 61 page
background image
Coexistence
Signal name
I/O
Requirement
Bluetooth LE/IEEE
802.15.4 signal (3-
wire/4-wire)
Description
COEX_REQ
Input
Mandatory for 3-
wire and 4-wire
SR_REQUEST
Bluetooth LE/IEEE 802.15.4
device requesting a TX/RX
transaction
COEX_STATUS0
Input
Mandatory for 3-
wire and 4-wire
SR_STATUS
Indicates if the Bluetooth LE/
IEEE 802.15.4 transaction is TX
or RX. If the device supports
a Priority signal, Priority is
muxed with TX/RX on this
signal based on the timing
diagrams.
COEX_GRANT
Output
Mandatory for 3-
wire and 4-wire
SR_GRANT
Indicates that the Bluetooth
LE/IEEE 802.15.4 device
is granted access for this
transaction.
COEX_STATUS1/
SW_CTRL1
Input/
Output
Optional for 3-wire SR_PTI/
RF_SW_CTRL1
In 4-wire mode, this carries
the Bluetooth LE/IEEE
802.15.4 1 bit priority signal.
In 3-wire Shared Antenna
mode, this can be optionally
used as a second antenna
switch control signal.
SW_CTRL0
Output
Mandatory for 3-
wire and 4-wire
Shared Antenna
mode. Optional
otherwise
RF_SW_CTRL0
Used for antenna switch
control in Shared Antenna
mode.
Table 6: Coexistence hardware signals
Note: The behavior of SW_CTRL0/1 is programmable and dependent on the configured
coexistence mode and switch control interface.
8.1 Bluetooth LE/IEEE 802.15.4 timing
This sections provides several Bluetooth LE/IEEE 802.15.4 timing diagrams and parameters.
3-wire with multiplexed priority
The following diagram shows external Bluetooth LE/IEEE 802.15.4 timing parameters when SR_STATUS
carries both priority and TX/RX information in a time multiplexed manner.
4486_184 v1.0
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61