Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NRF7002-QFAA-R Fiches technique(PDF) 49 Page - Nordic Semiconductor

No de pièce NRF7002-QFAA-R
Description  nRF7002
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NORDIC [Nordic Semiconductor]
Site Internet  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF7002-QFAA-R Fiches technique(HTML) 49 Page - Nordic Semiconductor

Back Button NRF7002-QFAA-R Datasheet HTML 45Page - Nordic Semiconductor NRF7002-QFAA-R Datasheet HTML 46Page - Nordic Semiconductor NRF7002-QFAA-R Datasheet HTML 47Page - Nordic Semiconductor NRF7002-QFAA-R Datasheet HTML 48Page - Nordic Semiconductor NRF7002-QFAA-R Datasheet HTML 49Page - Nordic Semiconductor NRF7002-QFAA-R Datasheet HTML 50Page - Nordic Semiconductor NRF7002-QFAA-R Datasheet HTML 51Page - Nordic Semiconductor NRF7002-QFAA-R Datasheet HTML 52Page - Nordic Semiconductor NRF7002-QFAA-R Datasheet HTML 53Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 61 page
background image
Ordering information
Abbreviation
Definition and implemented codes
N70/nRF70
nRF70 series product
02
Part code
<PP>
Package variant code
<VV>
Function variant code
<H><P><F>
Build code
H - Hardware version code
P - Production configuration code (production site, etc.)
F - Firmware version code (only visible on shipping container label)
<YY><WW><LL>
Tracking code
YY - Year code
WW - Assembly week number
LL - Wafer lot code
<CC>
Container code
Table 20: Abbreviations
15.4 Code ranges and values
The following tables define the nRF7002 code ranges and values.
<PP>
Package
Size (mm)
Pin/Ball count
Pitch (mm)
QF
QFN
6 x 6
48
0.4
Table 21: Package variant codes
<VV>
Variant
AA
Base functionality
Table 22: Function variant codes
<H>
Description
[A . . Z]
Hardware version/revision identifier (incremental)
Table 23: Hardware version codes
4486_184 v1.0
49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61