Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NRF7002-QFAA-R Fiches technique(PDF) 47 Page - Nordic Semiconductor

No de pièce NRF7002-QFAA-R
Description  nRF7002
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NORDIC [Nordic Semiconductor]
Site Internet  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF7002-QFAA-R Fiches technique(HTML) 47 Page - Nordic Semiconductor

Back Button NRF7002-QFAA-R Datasheet HTML 43Page - Nordic Semiconductor NRF7002-QFAA-R Datasheet HTML 44Page - Nordic Semiconductor NRF7002-QFAA-R Datasheet HTML 45Page - Nordic Semiconductor NRF7002-QFAA-R Datasheet HTML 46Page - Nordic Semiconductor NRF7002-QFAA-R Datasheet HTML 47Page - Nordic Semiconductor NRF7002-QFAA-R Datasheet HTML 48Page - Nordic Semiconductor NRF7002-QFAA-R Datasheet HTML 49Page - Nordic Semiconductor NRF7002-QFAA-R Datasheet HTML 50Page - Nordic Semiconductor NRF7002-QFAA-R Datasheet HTML 51Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 61 page
background image
15 Ordering information
This chapter contains information on IC marking, ordering codes, and container sizes.
15.1 Device marking
The nRF7002 package is marked as shown in the following figure.
N
<P
<Y
7
P>
Y>
0
<V
<W
V>
W>
0
<H>
<L
2
<P>
L>
Figure 28: IC marking
15.2 Box labels
The following figures define the box labels used for the nRF7002.
PART NO.: (1P) <Nordic device order code>
TRACE CODE: (1T) <YYWWLL1/YYWWLL2/...YYWWLLn>
TOTAL QUANTITY: (Q) <Total inner box qty>
<Box ID>
<Seal date>
Pb
e3
<HPF>
TRACE CODE QUANTITY: <.Quantity1/Quantity2/...Quantityn>
Figure 29: Inner box label
4486_184 v1.0
47



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61