Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NRF24L01P-R Fiches technique(PDF) 38 Page - Nordic Semiconductor

No de pièce NRF24L01P-R
Description  Single Chip 2.4GHz Transceiver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NORDIC [Nordic Semiconductor]
Site Internet  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF24L01P-R Fiches technique(HTML) 38 Page - Nordic Semiconductor

Back Button NRF24L01P-R Datasheet HTML 34Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 35Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 36Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 37Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 38Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 39Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 40Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 41Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 42Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 78 page
background image
Revision 1.0
Page 38 of 78
nRF24L01+ Product Specification
RX FIFO and the RX_DR IRQ is asserted. If the last received packet from the transmitter is acknowledged
with an ACK packet with payload, the TX_DS IRQ indicates that the PTX received the ACK packet with
payload. If the No_ACK flag is not set in the received packet, the PRX enters TX mode. If there is a pending
payload in the TX FIFO it is attached to the ACK packet. After the ACK packet is transmitted, the
nRF24L01+ returns to RX mode.
A copy of a previously received packet might be received if the ACK packet is lost. In this case, the PRX
discards the received packet and transmits an ACK packet before it returns to RX mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78