| Moteur de recherche de fiches techniques de composants électroniques |
|
NRF24L01P-R Fiches technique(PDF) 74 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF24L01P-R Fiches technique(HTML) 74 Page - Nordic Semiconductor |
|
74 / 78 page ![]() Revision 1.0 Page 74 of 78 nRF24L01+ Product Specification 14 Glossary of Terms Table 32. Glossary Term Description ACK Acknowledgement ACS Adjacent Channel Selectivity AGC Automatic Gain Control ART Auto Re-Transmit CD Carrier Detect CE Chip Enable CLK Clock CRC Cyclic Redundancy Check CSN Chip Select NOT ESB Enhanced ShockBurst™ GFSK Gaussian Frequency Shift Keying IM Intermodulation IRQ Interrupt Request ISM Industrial-Scientific-Medical LNA Low Noise Amplifier LSB Least Significant Bit LSByte Least Significant Byte Mbps Megabit per second MCU Microcontroller Unit MISO Master In Slave Out MOSI Master Out Slave In MSB Most Significant Bit MSByte Most Significant Byte PCB Printed Circuit Board PID Packet Identity Bits PLD Payload PRX Primary RX PTX Primary TX PWR_DWN Power Down PWR_UP Power Up RoHS Restriction of use of Certain Hazardous Substances RPD Received Power Detector RX Receive RX_DR Receive Data Ready SPI Serial Peripheral Interface TX Transmit TX_DS Transmit Data Sent |