Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NRF24L01P-R Fiches technique(PDF) 40 Page - Nordic Semiconductor

No de pièce NRF24L01P-R
Description  Single Chip 2.4GHz Transceiver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NORDIC [Nordic Semiconductor]
Site Internet  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF24L01P-R Fiches technique(HTML) 40 Page - Nordic Semiconductor

Back Button NRF24L01P-R Datasheet HTML 36Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 37Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 38Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 39Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 40Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 41Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 42Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 43Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 44Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 78 page
background image
Revision 1.0
Page 40 of 78
nRF24L01+ Product Specification
Each pipe can have up to a 5 byte configurable address. Data pipe 0 has a unique 5 byte address. Data
pipes 1-5 share the four most significant address bytes. The LSByte must be unique for all six pipes. Fig-
ure 13. is an example of how data pipes 0-5 are addressed.
Figure 13. Addressing data pipes 0-5
0xC2
0xC2
0xC2
0xC2
0xC2
0xC2
0xC2
0xC2
0xC2
0xC2
0xC2
0xC2
0xC2
0xC2
0xC2
0xC2
Byte 4
Byte 0
Byte 1
Byte 2
Byte 3
0xC2
0xC2
0xC2
0xC2
0xC2
0xC3
0xC4
0xC5
0xC6
Data pipe 1 (RX_ADDR_P1)
Data pipe 2 (RX_ADDR_P2)
Data pipe 3 (RX_ADDR_P3)
Data pipe 4 (RX_ADDR_P4)
Data pipe 5 (RX_ADDR_P5)
0xE7
0x77
0x35
0xF0
0xD3
Data pipe 0 (RX_ADDR_P0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78