| Moteur de recherche de fiches techniques de composants électroniques |
|
DSE784 Fiches technique(PDF) 49 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
DSE784 Fiches technique(HTML) 49 Page - OSRAM GmbH |
|
49 / 82 page ![]() 48 4. Operating characteristics Economical long-life light sources with plug-in bases. Compact Fluorescent Lamps OSRAM DULUX® Technical Guide 4.6.2 Luminous flux/ temperature curves for OSRAM DULUX® IN lamps for indoor lighting Typical luminous flux/temperature curve for OSRAM DULUX® T IN and OSRAM DULUX® T/E IN for high ambient temperatures 100 90 80 70 60 50 40 30 20 10 0 -10 5 20 35 50 65 80 -5 010 15 25 30 40 45 55 60 70 75 4.6.3 Luminous flux/ temperature curves for OSRAM DULUX® L SP for outdoor lighting Typical luminous flux/temperature curve for OSRAM DULUX® L SP for outdoor lighting. 100 90 80 70 60 50 40 30 20 10 0 -15 0 15 30 45 60 75 Horizontal Base down Horizontal Vertical, base up Vertical, base down Ambient temperature for lamp (ºC) Ambient temperature for lamp (ºC) |