| Moteur de recherche de fiches techniques de composants électroniques |
|
DSE784 Fiches technique(PDF) 47 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
DSE784 Fiches technique(HTML) 47 Page - OSRAM GmbH |
|
47 / 82 page ![]() 46 Economical long-life light sources with plug-in bases. Compact Fluorescent Lamps OSRAM DULUX® Technical Guide 4. Operating characteristics 4.5 Operating values of the lamps as a function of ambient temperature Typical curves for the electrical data as a function of ambient temperature for OSRAM DULUX® lamps in CCG operation Burning position: Base up, free-burning Mains voltage: 230 V 200 180 160 140 120 100 80 60 40 20 0 -20 0 20 40 60 80 100 Typical curves for the electrical data as a function of ambient temperature for OSRAM DULUX® lamps in ECG operation 200 180 160 140 120 100 80 60 40 20 0 -20 0 20 40 60 80 100 Arc voltage Lamp current Lamp wattage Arc voltage Lamp current Lamp wattage Ambient temperature (ºC) Ambient temperature (ºC) |