Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DSE784 Fiches technique(PDF) 70 Page - OSRAM GmbH

No de pièce DSE784
Description  Economical long-life light sources with plug-in bases
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

DSE784 Fiches technique(HTML) 70 Page - OSRAM GmbH

Back Button DSE784 Datasheet HTML 66Page - OSRAM GmbH DSE784 Datasheet HTML 67Page - OSRAM GmbH DSE784 Datasheet HTML 68Page - OSRAM GmbH DSE784 Datasheet HTML 69Page - OSRAM GmbH DSE784 Datasheet HTML 70Page - OSRAM GmbH DSE784 Datasheet HTML 71Page - OSRAM GmbH DSE784 Datasheet HTML 72Page - OSRAM GmbH DSE784 Datasheet HTML 73Page - OSRAM GmbH DSE784 Datasheet HTML 74Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 82 page
background image
69
Economical long-life light sources with plug-in bases.
Compact Fluorescent Lamps OSRAM DULUX®
Technical Guide
9
European and
international
standards
9.1
Relevant standards
9.1.1
Lamps and
caps
OSRAM DULUX® lamps comply with all relevant European and international standards
listed in the following table (see also 9.2 Declaration of Conformity).
9.1.2
Accessories
The following table shows the most important standards that apply to accessories.
German
European
International
Single-capped
DIN EN 60901
EN 60901
IEC 60901
fluorescent lamps
(VDE 0715 Teil 7)
Performance – specifications
Single-capped
DIN EN 61199
EN 61199
IEC 61199
fluorescent lamps
(VDE 0715 Teil 9)
Safety specifications
Lamp caps and holders
DIN EN 60061
EN 60061
IEC 60061
together with gauges for the
control of interchangeability and safety
Part 1: Lamp caps
DIN EN 60061-1
EN 60061-1
IEC 60061-1
9. European and international standards
German
European
International
Lamp caps and holders
DIN EN 60061
EN 60061
IEC 6061
together with gauges for the
control of interchangeability and safety
Part 2: Lampholders
DIN EN 60061-2
EN 60061-2
IEC 60061-2
Part 3: Gauges
DIN EN 60061-3
EN 60061-3
IEC 60061-3
Band I und II
Part 4: Guidelines and general
DIN EN 60061-4
EN 60061-4
IEC 60061-4
information
Glow starters for fluorescent lamps
DIN VDE 0712
EN 60 155
IEC 60155
Teil 101
Ballasts for tubular fluorescent lamps
DIN EN 60 920
EN 60 920
IEC 60920
General and safety requirements
(VDE 0712 Teil 10)
Ballasts for tubular fluorescent lamps
DIN EN 60 921
EN 60 921
IEC 60921
Performance requirements
(VDE 0712 Teil 11)
DC-supplied electronic control gear
DIN EN 60 924
EN 60 924
IEC 60924
for tubular fluorescent lamps
(VDE 0712 Teil 20)
General and safety requirements
AC-supplied electronic ballasts
DIN EN 60 928
EN 60 928
IEC 60928
for tubular fluorescent lamps
(VDE 0712 Teil 22)
General and safety requirements
AC-supplied electronic ballasts
DIN EN 60 929
EN 60 929
IEC 60929
for tubular fluorescent lamps
(VDE 0712 Teil 23)
Performance requirements



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82