Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DF2484 Fiches technique(PDF) 46 Page - OSRAM GmbH

No de pièce DF2484
Description  Economical long-life light sources with plug-in bases
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

DF2484 Fiches technique(HTML) 46 Page - OSRAM GmbH

Back Button DF2484 Datasheet HTML 42Page - OSRAM GmbH DF2484 Datasheet HTML 43Page - OSRAM GmbH DF2484 Datasheet HTML 44Page - OSRAM GmbH DF2484 Datasheet HTML 45Page - OSRAM GmbH DF2484 Datasheet HTML 46Page - OSRAM GmbH DF2484 Datasheet HTML 47Page - OSRAM GmbH DF2484 Datasheet HTML 48Page - OSRAM GmbH DF2484 Datasheet HTML 49Page - OSRAM GmbH DF2484 Datasheet HTML 50Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 82 page
background image
Economical long-life light sources with plug-in bases.
Compact Fluorescent Lamps OSRAM DULUX®
Technical Guide
45
4. Operating characteristics
4.4
Operating values
of the lamps as a
function of mains
voltage
Typical curves for the electrical an photometric data as a function of mains voltage for
OSRAM DULUX® lamps in CCG operation
Burning position:
Base up, free-burning
Ambient temperature:
25 °C
Typical curves for the electrical and photometric data as a function of mains voltage for
OSRAM DULUX® lamps in ECG operation
Burning position:
Base up, free-burning
Ambient temperature:
25 ºC
101,0
100,8
100,6
100,4
100,2
100,0
99,8
99,6
99,4
99,2
99,0
85
90
95
100
105
110
115
130
125
120
115
110
105
100
95
90
85
80
85
90
95
100
105
110
115
Amp
Watt
Volt
lm
lm/W
Amp
Watt
Volt
lm
lm/W
Mains voltage (%)
Mains voltage (%)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82