| Moteur de recherche de fiches techniques de composants électroniques |
|
DF2484 Fiches technique(PDF) 75 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
DF2484 Fiches technique(HTML) 75 Page - OSRAM GmbH |
|
75 / 82 page ![]() 74 Economical long-life light sources with plug-in bases. Compact Fluorescent Lamps OSRAM DULUX® Technical Guide The CE label on OSRAM DULUX® packaging and on the declarations of conformity indicate compliance with low-voltage guidelines (safety requi- rements in accordance with EN 61199). Here are some points to bear in mind about CE labeling: – The CE label is intended first and foremost for administrative authorities, not end users. – The CE label in mandatory for the sale of products that can be used independently within the EU. – It is purely an administrative label. It is not a seal of quality or approval mark. – The CE label is based on the declaration of conformity issues by manufacturers on their own responsibility. It is not based on testing by a recognised independent inspectorate. – The CE label acts as a passport. It promotes free trade within Europe. Commission Directive 98/11/EC: Energy labeling for Household Lamps: The EEI (Ener- gy Efficiency Index, e.g. EEI = A), also known as the „energy label“, classifies lamps according to their energy efficiency (it does not relate to luminaires). Directive 98/11/EC for implementing Directive 92/75/EEC has been in force since April 1998. The seven classes are defined by certain limit values in lamp output. Lamps in class A are the most efficient at converting electrical into light. The classification of OSRAM DULUX® lamps is given in the OSRAM Lighting Programme. 9.3 CE labelling 9.4 Energy Effiency Index 9. European and international standards |