Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DF2484 Fiches technique(PDF) 41 Page - OSRAM GmbH

No de pièce DF2484
Description  Economical long-life light sources with plug-in bases
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

DF2484 Fiches technique(HTML) 41 Page - OSRAM GmbH

Back Button DF2484 Datasheet HTML 37Page - OSRAM GmbH DF2484 Datasheet HTML 38Page - OSRAM GmbH DF2484 Datasheet HTML 39Page - OSRAM GmbH DF2484 Datasheet HTML 40Page - OSRAM GmbH DF2484 Datasheet HTML 41Page - OSRAM GmbH DF2484 Datasheet HTML 42Page - OSRAM GmbH DF2484 Datasheet HTML 43Page - OSRAM GmbH DF2484 Datasheet HTML 44Page - OSRAM GmbH DF2484 Datasheet HTML 45Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 82 page
background image
3. Circuits
40
Economical long-life light sources with plug-in bases.
Compact Fluorescent Lamps OSRAM DULUX®
Technical Guide
3.4
Operation with
motion detectors
and light sensors
It is basically possible to operate OSRAM DULUX® compact fluorescent lamps with
pin bases in conjunction with motion detectors and light sensors. Bear in mind that in
these arrangements the lamps operate only for short periods before switching off
again, so the run-up time for light output (the time the lamp takes to reach 100 %
luminous flux) and the reduction in lamp life due to the high number of switching ope-
rations are factors that must be taken into account. (see 2.4.4)
CCG-operated lamps should not be used in applications with extremely frequent
on/off switching. Instead, only compact fluorescent lamps for ECG operation should
be used. The ECG should be selected to ensure optimum lamp starting every time.
Stand-by operating modes are ideal for such applications. In stand-by mode the light
is dimmed when it is not needed. This avoids unnecessary switching operations and
saves energy. Because the light is never fully switched off there is always a certain
amount of light available for people to find their way around. Full light is available
instantly, with no pre-heating delay. Typical applications for stand-by mode include all
those with frequent on/off switching, such as stairwells, corridors and underground
garages. Particularly if the light is controlled with motion detectors or time switches.
3.5
Dimensioning of
automatic circuit
breakers
Information on the maximum permitted number of luminaires per automatic circuit-
breakers can be found in the OSRAM Lighting Programme.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82