| Moteur de recherche de fiches techniques de composants électroniques |
|
X7R Fiches technique(PDF) 17 Page - EPCOS |
|
|
|||||||||||||||||||||||||||||
X7R Fiches technique(HTML) 17 Page - EPCOS |
|
17 / 24 page ![]() Multilayer ceramic capacitors 17 10/06 Please read Cautions and warnings and Important notes at the end of this document. X7R Ordering codes and packing for X7R, 100, 200 and 500 VDC, nickel barrier terminations Chip thickness Cardboard tape, Æ 180-mm reel Cardboard tape, Æ 330-mm reel ** 60 ** 70 CR1) Ordering code2) mm pcs/reel pcs/reel Case size 1206, 100 VDC 1.0 nF B37872K1102K0** 0.8 ±0.1 4000 16000 1.5 nF B37872K1152K0** 0.8 ±0.1 4000 16000 2.2 nF B37872K1222K0** 0.8 ±0.1 4000 16000 3.3 nF B37872K1332K0** 0.8 ±0.1 4000 16000 4.7 nF B37872K1472K0** 0.8 ±0.1 4000 16000 6.8 nF B37872K1682K0** 0.8 ±0.1 4000 16000 10. nF B37872K1103K0** 0.8 ±0.1 4000 16000 15. nF B37872K1153K0** 0.8 ±0.1 4000 16000 22. nF B37872K1223K0** 0.8 ±0.1 4000 16000 33. nF B37872K1333K0** 0.8 ±0.1 4000 16000 47. nF B37872K1473K0** 0.8 ±0.1 4000 16000 68. nF B37872K1683K0** 1.2 ±0.1 3000 3) 120004) 100. nF B37872K1104K0** 1.2 ±0.1 3000 3) 120004) Case size 1206, 200 VDC 820. pF B37872K2821K0** 0.8 ±0.1 4000 16000 1.0 nF B37872K2102K0** 0.8 ±0.1 4000 16000 1.5 nF B37872K2152K0** 0.8 ±0.1 4000 16000 2.2 nF B37872K2222K0** 0.8 ±0.1 4000 16000 3.3 nF B37872K2332K0** 0.8 ±0.1 4000 16000 4.7 nF B37872K2472K0** 0.8 ±0.1 4000 16000 6.8 nF B37872K2682K0** 0.8 ±0.1 4000 16000 10. nF B37872K2103K0** 0.8 ±0.1 4000 16000 15. nF B37872K2153K0** 1.2 ±0.1 3000 3) 120004) 22. nF B37872K2223K0** 1.2 ±0.1 3000 3) 120004) Case size 1206, 500 VDC 470. pF B37872K3471K0** 0.8 ±0.1 4000 16000 680. pF B37872K3681K0** 0.8 ±0.1 4000 16000 1.0 nF B37872K3102K0** 0.8 ±0.1 4000 16000 1.5 nF B37872K3152K0** 0.8 ±0.1 4000 16000 2.2 nF B37872K3222K0** 0.8 ±0.1 4000 16000 3.3 nF B37872K3332K0** 1.2 ±0.1 3000 3) 120004) 4.7 nF B37872K3472K0** 1.2 ±0.1 3000 3) 120004) 1) Other capacitance values on request. 2) The table contains the ordering codes for the standard capacitance tolerance. For other available capacitance tolerances see page 4. 3) Blister tape, 180-mm reel, ordering code ** 62 4) Blister tape, 330-mm reel, ordering code ** 72 ^ ^ ^ ^ X7R; 1206 |