| Moteur de recherche de fiches techniques de composants électroniques |
|
X7R Fiches technique(PDF) 16 Page - EPCOS |
|
|
|||||||||||||||||||||||||||||
X7R Fiches technique(HTML) 16 Page - EPCOS |
|
16 / 24 page ![]() 16 10/06 Please read Cautions and warnings and Important notes at the end of this document. Multilayer ceramic capacitors X7R Ordering codes and packing for X7R, 50 VDC, nickel barrier terminations Chip thickness Cardboard tape, Æ 180-mm reel Cardboard tape, Æ 330-mm reel ** 60 ** 70 CR Ordering code1) mm pcs/reel pcs/reel Case size 1206, 50 VDC 1.0 nF B37872K5102K0** 0.8 ±0.1 4000 16000 1.2 nF2) B37872K5122K0** 0.8 ±0.1 4000 16000 1.5 nF B37872K5152K0** 0.8 ±0.1 4000 16000 1.8 nF2) B37872K5182K0** 0.8 ±0.1 4000 16000 2.2 nF B37872K5222K0** 0.8 ±0.1 4000 16000 2.7 nF2) B37872K5272K0** 0.8 ±0.1 4000 16000 3.3 nF B37872K5332K0** 0.8 ±0.1 4000 16000 3.9 nF2) B37872K5392K0** 0.8 ±0.1 4000 16000 4.7 nF B37872K5472K0** 0.8 ±0.1 4000 16000 5.6 nF2) B37872K5562K0** 0.8 ±0.1 4000 16000 6.8 nF B37872K5682K0** 0.8 ±0.1 4000 16000 8.2 nF2) B37872K5822K0** 0.8 ±0.1 4000 16000 10. nF B37872K5103K0** 0.8 ±0.1 4000 16000 12 nF2) B37872K5123K0** 0.8 ±0.1 4000 16000 15. nF B37872K5153K0** 0.8 ±0.1 4000 16000 18 nF2) B37872K5183K0** 0.8 ±0.1 4000 16000 22. nF B37872K5223K0** 0.8 ±0.1 4000 16000 27 nF2) B37872K5273K0** 0.8 ±0.1 4000 16000 33. nF B37872K5333K0** 0.8 ±0.1 4000 16000 39 nF2) B37872K5393K0** 0.8 ±0.1 4000 16000 47. nF B37872K5473K0** 0.8 ±0.1 4000 16000 56 nF2) B37872K5563K0** 0.8 ±0.1 4000 16000 68. nF B37872K5683K0** 0.8 ±0.1 4000 16000 82 nF2) B37872K5823K0** 0.8 ±0.1 4000 16000 100. nF B37872K5104K0** 0.8 ±0.1 4000 16000 220. nF B37872K5224K0** 1.2 ±0.1 30003) 120004) 330. nF B37872K5334K0** 1.2 ±0.1 30003) 120004) 470. nF B37872K5474K0** 1.2 ±0.1 30003) 120004) 1) The table contains the ordering codes for the standard capacitance tolerance. For other available capacitance tolerances see page 4. 2) Non standard types (E 12) on request. 3) Blister tape, 180-mm reel, ordering code ** 62 4) Blister tape, 330-mm reel, ordering code ** 72 ^ ^ ^ ^ X7R; 1206 |