Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

X7R Fiches technique(PDF) 7 Page - EPCOS

No de pièce X7R
Description  Multilayer ceramic capacitors
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EPCOS [EPCOS]
Site Internet  http://www.epcos.com
Logo EPCOS - EPCOS

X7R Fiches technique(HTML) 7 Page - EPCOS

Back Button X7R Datasheet HTML 3Page - EPCOS X7R Datasheet HTML 4Page - EPCOS X7R Datasheet HTML 5Page - EPCOS X7R Datasheet HTML 6Page - EPCOS X7R Datasheet HTML 7Page - EPCOS X7R Datasheet HTML 8Page - EPCOS X7R Datasheet HTML 9Page - EPCOS X7R Datasheet HTML 10Page - EPCOS X7R Datasheet HTML 11Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
Multilayer ceramic capacitors
7
10/06
Please read Cautions and warnings and
Important notes at the end of this document.
X7R
Product range chip capacitors, X7R
Size1)
inch
mm
0603
1608
0805
2012
Type
B37931
B37941
16
25
50
100
16
25
50
100
200
10
nF
12
nF2)
15
nF
18
nF2)
22
nF
27
nF2)
33
nF
39
nF2)
47
nF
56
nF2)
68
nF
3)
82
nF2)
100
nF
3)
220
nF
3)
3)
3)
3)
3)
330
nF
3)
3)
3)
470
nF
3)
3)
3)
1.0
mF
3)
3)
3)
2.2
mF
1) l
´ b (inch) / l ´ b (mm)
2) Non standard types (E 12) on request.
3) See HighCV product range for specification.
VR (VDC)
CR
X7R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24