Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

B41821 Fiches technique(PDF) 33 Page - EPCOS

No de pièce B41821
Description  Aluminum electrolytic capacitors
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EPCOS [EPCOS]
Site Internet  http://www.epcos.com
Logo EPCOS - EPCOS

B41821 Fiches technique(HTML) 33 Page - EPCOS

Back Button B41821 Datasheet HTML 28Page - EPCOS B41821 Datasheet HTML 29Page - EPCOS B41821 Datasheet HTML 30Page - EPCOS B41821 Datasheet HTML 31Page - EPCOS B41821 Datasheet HTML 32Page - EPCOS B41821 Datasheet HTML 33Page - EPCOS B41821 Datasheet HTML 34Page - EPCOS B41821 Datasheet HTML 35Page - EPCOS B41821 Datasheet HTML 36Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 33 / 36 page
background image
Topic
Safety information
Reference
chapter "General
technical information"
Active
flammability
Avoid overload of the capacitors.
8.2
"Active flammability"
Maintenance
Make periodic inspections of the capacitors.
Before the inspection, make sure that the power
supply is turned off and carefully discharge the
electricity of the capacitors.
Do not apply any mechanical stress to the
capacitor terminals.
10
"Maintenance"
Storage
Do not store capacitors at high temperatures or
high humidity. Capacitors should be stored at
+5 to +35
°C and a relative humidity of ≤ 75%.
7.3
Storage conditions
Reference
chapter "Capacitors with
screw terminals"
Breakdown strength
of insulating
sleeves
Do not damage the insulating sleeve, especially
when ring clips are used for mounting.
"Screw terminals
accessories"
B41821, B43821
Standard series
85
°C
Page 32 of 35
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36