Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

B41821 Fiches technique(PDF) 8 Page - EPCOS

No de pièce B41821
Description  Aluminum electrolytic capacitors
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EPCOS [EPCOS]
Site Internet  http://www.epcos.com
Logo EPCOS - EPCOS

B41821 Fiches technique(HTML) 8 Page - EPCOS

Back Button B41821 Datasheet HTML 4Page - EPCOS B41821 Datasheet HTML 5Page - EPCOS B41821 Datasheet HTML 6Page - EPCOS B41821 Datasheet HTML 7Page - EPCOS B41821 Datasheet HTML 8Page - EPCOS B41821 Datasheet HTML 9Page - EPCOS B41821 Datasheet HTML 10Page - EPCOS B41821 Datasheet HTML 11Page - EPCOS B41821 Datasheet HTML 12Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
Overview of available types
B43821
Other voltage and capacitance ratings are available upon request.
VR (V DC)
160
200
250
350
400
450
Case dimensions d
× l (mm)
CR (
µF)
0.47
6.3
× 11
6.3
× 11
0.68
6.3
× 11
6.3
× 11
1.0
6.3
× 11
6.3
× 11
6.3
× 11
6.3
× 11
2.2
6.3
× 11
6.3
× 11
6.3
× 11
6.3
× 11
8
× 11.5
8
× 11.5
8
× 11.5
3.3
6.3
× 11
6.3
× 11
6.3
× 11
8
× 11.5
8
× 11.5 10 × 12.5
4.7
6.3
× 11
6.3
× 11
8
× 11.5
8
× 11.5 10 × 12.5 10 × 12.5
10
8
× 11.5
8
× 11.5 10 × 12.5 10 × 16
10
× 20
10
× 20
22
10
× 12.5
10
× 16
10
× 16
10
× 20
12.5
× 20
12.5
× 25
12.5
× 25
33
10
× 16
10
× 20
10
× 20
12.5
× 20
12.5
× 25
16
× 20
16
× 25
47
10
× 20
12.5
× 20
12.5
× 20
12.5
× 25
16
× 25
16
× 25
16
× 31.5
68
12.5
× 20
12.5
× 25
16
× 25
16
× 31.5 18 × 31.5 18 × 35
100
12.5
× 25
16
× 25
16
× 25
16
× 31.5 18 × 35
18
× 40
20
× 40
220
16
× 31.5
18
× 31.5
18
× 31.5 18 × 40
330
18
× 35
20
× 35
22
× 40
470
20
× 40
22
× 40
680
25
× 40
B43821
Standard series
85
°C
Page 7 of 35
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36