Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

B41821 Fiches technique(PDF) 24 Page - EPCOS

No de pièce B41821
Description  Aluminum electrolytic capacitors
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EPCOS [EPCOS]
Site Internet  http://www.epcos.com
Logo EPCOS - EPCOS

B41821 Fiches technique(HTML) 24 Page - EPCOS

Back Button B41821 Datasheet HTML 20Page - EPCOS B41821 Datasheet HTML 21Page - EPCOS B41821 Datasheet HTML 22Page - EPCOS B41821 Datasheet HTML 23Page - EPCOS B41821 Datasheet HTML 24Page - EPCOS B41821 Datasheet HTML 25Page - EPCOS B41821 Datasheet HTML 26Page - EPCOS B41821 Datasheet HTML 27Page - EPCOS B41821 Datasheet HTML 28Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
Kinked leads
Last 3 digits of ordering code: 001
With stand-off rubber seal
Case size
Dimensions (mm)
d
× l (mm)
a
±0.5
10
× 20
5.0
12.5
× 20
5.0
12.5
× 25
5.0
16
× 20
7.5
16
× 25
7.5
16
× 31.5
7.5
16
× 35.5
7.5
18
× 20
7.5
18
× 25
7.5
18
× 31.5
7.5
18
× 35
7.5
18
× 40
7.5
With flat rubber seal
B41821, B43821
Standard series
85
°C
Page 23 of 35
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36