Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

B25680B1237K101 Fiches technique(PDF) 22 Page - EPCOS

No de pièce B25680B1237K101
Description  Film Capacitors - Power Electronic Capacitors
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EPCOS [EPCOS]
Site Internet  http://www.epcos.com
Logo EPCOS - EPCOS

B25680B1237K101 Fiches technique(HTML) 22 Page - EPCOS

Back Button B25680B1237K101 Datasheet HTML 18Page - EPCOS B25680B1237K101 Datasheet HTML 19Page - EPCOS B25680B1237K101 Datasheet HTML 20Page - EPCOS B25680B1237K101 Datasheet HTML 21Page - EPCOS B25680B1237K101 Datasheet HTML 22Page - EPCOS B25680B1237K101 Datasheet HTML 23Page - EPCOS B25680B1237K101 Datasheet HTML 24Page - EPCOS B25680B1237K101 Datasheet HTML 25Page - EPCOS B25680B1237K101 Datasheet HTML 26Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 27 page
background image
Film Capacitors - Power Electronic Capacitors
B25680*
PEC MKP DC
MKP DC (Metal Top)
CAP PW PD
April 2022
Please read Cautions and warnings and
Page 22 of 27
Important notes at the end of this document.
B25680B1737K203
Current derating graphs are based on typical values. More graphs for capacitors are available upon request.
3.
Service life
Service life tLD in hours at different hotspot temperature (Ths) and voltage VRDC for ØD≤116 mm and VRDC ≤ 2000V
Service life tLD in hours at different hotspot temperature (Ths) and voltage VRDC for ØD=136 mm or VRDC > 2000 V
0,9
0,95
1
1,05
1,1
0
50000
100000
150000
200000
Expected lifetime (h)
Expected Lifetime at THS
70
℃ 75℃ 80℃ 85℃
0,9
0,95
1
1,05
1,1
0
50000
100000
150000
200000
Expected lifetime (h)
Expected Lifetime at THS
70
℃
75
℃



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com