Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

B25680B1237K101 Fiches technique(PDF) 2 Page - EPCOS

No de pièce B25680B1237K101
Description  Film Capacitors - Power Electronic Capacitors
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EPCOS [EPCOS]
Site Internet  http://www.epcos.com
Logo EPCOS - EPCOS

B25680B1237K101 Fiches technique(HTML) 2 Page - EPCOS

  B25680B1237K101 Datasheet HTML 1Page - EPCOS B25680B1237K101 Datasheet HTML 2Page - EPCOS B25680B1237K101 Datasheet HTML 3Page - EPCOS B25680B1237K101 Datasheet HTML 4Page - EPCOS B25680B1237K101 Datasheet HTML 5Page - EPCOS B25680B1237K101 Datasheet HTML 6Page - EPCOS B25680B1237K101 Datasheet HTML 7Page - EPCOS B25680B1237K101 Datasheet HTML 8Page - EPCOS B25680B1237K101 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
Film Capacitors - Power Electronic Capacitors
B25680*
PEC MKP DC
MKP DC (Metal Top)
CAP PW PD
April 2022
Please read Cautions and warnings and
Page 2 of 27
Important notes at the end of this document.
1.
Construction and general data
Characteristics
Standard capacitance tolerance
K: ±10%
Dielectric dissipation factor (tan δo)
2 • 10-4
Service life expectancy
(refer to section 3)
100000 h at Ths +75°C and VRDC (Ø ≤116 mm and VRDC ≤ 2000 V)
100000 h at Ths +70°C and VRDC (Ø =136 mm or VRDC > 2000 V)
up to 200000 h (Considering de-ratings in voltage and/or
temperature upon request)
Humidity against performance
1000 h at +85 °C/85%RH and VRDC
Smoke and Fire compliant with EN45545 HL2 (R22), HL3 (R23)
Expected Fit rate αFQ (co)
50 fit at VRDC and +70°C (refer to section 4)
Minimum temperature Tmin.
-40 °C
Maximum temperature Tmax..
+85 °C for diameter 85 mm
+75 °C for diameter 116 and 136 mm
Storage temperature Tstg
-40 ... +85 °C
Maximum hotspot temperature Ths
(refer to section 1)
+85 °C for diameter 85 mm
+75 °C for diameter 116 and 136 mm
Climatic category
40/85/56 for 85 mm diameter
40/75/56 for 116 and 136 mm diameter
Maximum altitude
2000 m above sea level
(derating curves for altitudes higher than 2000 m available upon
request)
Frequency range
100 Hz ~10 kHz for CR ≤ 1500 μF
100 Hz ~ 5 kHz for 1500 μF<CR ≤ 3000 μF
100 Hz ~ 3 kHz for 3000 μF< CR ≤ 4000 μF
High frequency designs available upon request
Permit Imax of specified frequency need be evaluated by customer
Safety device
No internal protection
Test data
Voltage between terminals VTT
1.5 VRDC, 10 s
Voltage between terminals and case VTC
VRDC ≤ 2000 V DC: 4000 V AC / 10 s
VRDC = 2800 V DC: 5000 V AC / 10 s
VRDC = 3000 V DC: 5250 V AC / 10 s
Design data
Resin filling
Non PCB, hard polyurethane (dry type)
Mounting and grounding
M12 threaded bolt on bottom of the aluminum case
Max. torque (case) M12 stud
10 Nm
Max. torque terminal
Female M6: 5 Nm
Cooling
Naturally air-cooled (or forced air cooling)
Degree of protection
IP00 (Indoor mounting)
Reference standards
IEC 61071 - 2017, GB/T 17702-2021
RoHS and CE compliance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com