Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

B25680B1237K101 Fiches technique(PDF) 13 Page - EPCOS

No de pièce B25680B1237K101
Description  Film Capacitors - Power Electronic Capacitors
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EPCOS [EPCOS]
Site Internet  http://www.epcos.com
Logo EPCOS - EPCOS

B25680B1237K101 Fiches technique(HTML) 13 Page - EPCOS

Back Button B25680B1237K101 Datasheet HTML 9Page - EPCOS B25680B1237K101 Datasheet HTML 10Page - EPCOS B25680B1237K101 Datasheet HTML 11Page - EPCOS B25680B1237K101 Datasheet HTML 12Page - EPCOS B25680B1237K101 Datasheet HTML 13Page - EPCOS B25680B1237K101 Datasheet HTML 14Page - EPCOS B25680B1237K101 Datasheet HTML 15Page - EPCOS B25680B1237K101 Datasheet HTML 16Page - EPCOS B25680B1237K101 Datasheet HTML 17Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
Film Capacitors - Power Electronic Capacitors
B25680*
PEC MKP DC
MKP DC (Metal Top)
CAP PW PD
April 2022
Please read Cautions and warnings and
Page 13 of 27
Important notes at the end of this document.
VRDC = 1320 V DC / VTT = 1980 V DC, 10 s / VTC = 4000 V AC, 10 s
CR
IMAX1 Is
Î
ESR2
Lself
f
RTH
D
HC3
HT
Weight4 Fig. Ordering code
µF
A
kA
kA
mΩ
nH
kHz
K/W
mm
mm mm kg
160
48
6.9
2.3
2.3
≤ 35
67.3
3.3
85
99
104
0.58
1
B25680B1167K321
220
45
7.2
2.4
2.6
≤ 40
53.7
2.9
85
124 129
0.71
1
B25680B1227K321
250
45
7.2
2.4
2.7
≤ 40
50.3
2.9
85
136 141
0.85
1
B25680B1257K321
300
65
14.4 4.8
1.7
≤ 40
45.9
2.3
116
99
104
1.13
3
B25680B1307K323
320
70
13.2 4.4
2.1
≤ 60
36.3
2.3
85
179 184
1.1
1
B25680B1327K321
320
70
13.2 4.4
2.1
≤ 60
36.3
2.3
85
182 184
1.13
2
B25680C1327K321
400
70
12.3 4.1
2.2
≤ 60
32.5
2.2
85
229 234
1.4
1
B25680B1407K321
400
70
12.3 4.1
2.2
≤ 60
32.5
2.2
85
232 234
1.43
2
B25680C1407K321
420
65
14.1 4.7
1.8
≤ 40
38.8
2.2
116
124 129
1.4
3
B25680B1427K323
420
65
14.1 4.7
1.8
≤ 40
38.8
2.2
116
127 129
1.44
4
B25680C1427K323
470
70
14.1 4.7
1.8
≤ 40
36.7
2.1
116
136 141
1.55
3
B25680B1477K323
470
70
14.1 4.7
1.8
≤ 40
36.7
2.1
116
139 141
1.59
4
B25680C1477K323
500
80
26.7 8.9
1.4
≤ 60
29.1
2.1
116
156 161
1.75
3
B25680B1507K323
500
80
26.7 8.9
1.4
≤ 60
29.1
2.1
116
159 161
1.79
4
B25680C1507K323
610
100 27.9 9.3
1.4
≤ 60
26.3
2
116
179 184
1.95
3
B25680B1617K323
610
100 27.9 9.3
1.4
≤ 60
26.3
2
116
182 184
1.99
4
B25680C1617K323
650
70
18.6 6.2
1.8
≤ 60
25.5
2
136
137 142
2.1
5
B25680B1657K323
650
70
18.6 6.2
1.8
≤ 60
25.5
2
136
140 142
2.16
6
B25680C1657K323
850
100 27.3 9.1
1.6
≤ 70
20.6
1.8
116
229 234
2.56
3
B25680B1857K323
850
100 27.3 9.1
1.6
≤ 70
20.6
1.8
116
232 234
2.6
4
B25680C1857K323
1250 100 33.3 11.1
1.4
≤ 80
15.9
1.4
116
345 350
3.9
3
B25680B1128K323
1250 100 33.3 11.1
1.4
≤ 80
15.9
1.4
116
348 350
3.94
4
B25680C1128K323
1800 100 39
13
1.1
≤ 80
13.3
1.1
136
345 350
5.2
5
B25680B1188K323
1800 100 39
13
1.1
≤ 80
13.3
1.1
136
348 350
5.26
6
B25680C1188K323
1
Please refer to current derating section for more details
2
ESR at 1 kHz (typical value)
3
Hc is typical value
4
Weight is typical value
Other configurations and capacitance tolerances available upon request



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com