Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L8229 Fiches technique(PDF) 5 Page - STMicroelectronics

No de pièce L8229
Description  Dual DMOS full bridge stepper/DC motor driver
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L8229 Fiches technique(HTML) 5 Page - STMicroelectronics

  L8229 Datasheet HTML 1Page - STMicroelectronics L8229 Datasheet HTML 2Page - STMicroelectronics L8229 Datasheet HTML 3Page - STMicroelectronics L8229 Datasheet HTML 4Page - STMicroelectronics L8229 Datasheet HTML 5Page - STMicroelectronics L8229 Datasheet HTML 6Page - STMicroelectronics L8229 Datasheet HTML 7Page - STMicroelectronics L8229 Datasheet HTML 8Page - STMicroelectronics L8229 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 42 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
L8229
List of figures
5/42
List of figures
Figure 1.
Block Diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
Figure 2.
Pin Connection (Top view) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
Figure 3.
Ton and Toff . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
Figure 4.
Half and Full Step Drive with Imax=1.2A . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17
Figure 5.
Normal conduction and slow recirculation current paths. . . . . . . . . . . . . . . . . . . . . . . . . . . 17
Figure 6.
L6219_8 mode Stepping Driving . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
Figure 7.
L6219_8 mode Fast and Slow Decay current paths . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
Figure 8.
SPI Operations . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23
Figure 9.
Active and Passive synchronous rectification during Mixed Decay. . . . . . . . . . . . . . . . . . . 34
Figure 10.
PowerSSO24 Mechanical Data & Package Dimensions . . . . . . . . . . . . . . . . . . . . . . . . . . 40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42