| Moteur de recherche de fiches techniques de composants électroniques |
|
L8229 Fiches technique(PDF) 39 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L8229 Fiches technique(HTML) 39 Page - STMicroelectronics |
|
39 / 42 page ![]() Obsolete Product(s) - Obsolete Product(s) L8229 DC Motor Driver operation 39/42 0 0 0 1 0 Off On Off On L-L 00 0 1 1 On Off Off On H-L 00 1 0 0 On Off Off On H-L 0 0 1 0 1 Off On On Off L-H 0 0 1 1 0 Off On On Off L-H 00 1 1 1 On Off Off On H-L x 1 X X X Off Off Off Off Hi. Z 1 x X X X Off Off Off Off Hi. Z Table 38. DC Motor Drivers Truth Table (continued) Therm. prot. OCD W2 bit 15 (SLOW /FAST) W0 bit 8 or 14 (PHASE) Pin 20 or 17 (PWM) OUT A high side OUT Al ow side OUT B high side OUT B low side Out State |