| Moteur de recherche de fiches techniques de composants électroniques |
|
XFP236 Fiches technique(PDF) 13 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
XFP236 Fiches technique(HTML) 13 Page - Renesas Technology Corp |
|
13 / 25 page ![]() 13 ©2019-2023 Renesas Electronics Corporation R31DS0029EU0601 September 13, 2023 XF Datasheet Termination for 3.3V LVPECL Outputs The clock layout topology shown below is a typical termination for LVPECL outputs. The two different layouts mentioned are recommended only as guidelines. The differential output is a low impedance follower output that generate ECL/LVPECL compatible outputs. Therefore, terminating resistors (DC current path to ground) or current sources must be used for functionality. These outputs are designed to drive 50Ω transmission lines. Matched impedance techniques should be used to maximize operating frequency and minimize signal distortion. Figure 4 and Figure 5 show two different layouts which are recommended only as guidelines. Other suitable clock layouts may exist and it would be recommended that the board designers simulate to guarantee compatibility across all printed circuit and clock component process variations. Figure 4. 3.3V LVPECL Output Termination Figure 5. 3.3V LVPECL Output Termination |