| Moteur de recherche de fiches techniques de composants électroniques |
|
XFP236 Fiches technique(PDF) 3 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
XFP236 Fiches technique(HTML) 3 Page - Renesas Technology Corp |
|
3 / 25 page ![]() 3 ©2019-2023 Renesas Electronics Corporation R31DS0029EU0601 September 13, 2023 XF Datasheet Ordering Information (XO) Custom Part Configuration Utility: https://www.renesas.com/customxo Ordering Information (VCXO) XF Family and ASIC L Output Type 2 Package 3 Voltage 5 Precision 125.000000 Frequency I Temperature Range I: Industrial range: ‐40 to +85°C K: Extended industrial range: ‐40 to +105°C 125.000000 Listed in MHz to 6 digits 015.000000MHz to 999.999999MHz F00.000000 to F99.999999 1500MHz to 1599.999MHz G00.000000 to G99.999999 1600MHz to 1699.999MHz H00.000000 to H99.999999 1700MHz to 1799.999MHz I00.000000 to I99.999999 1800MHz to 1899.999MHz J00.000000 to J99.999999 1900MHz to 1999.999MHz K00.000000 to K99.999999 2000MHz to 2099.999MHz 5: ±50 ppm (K only) 6: ±25 ppm (I only) 1: 1.8 VDC ±5% 2: 2.5 VDC ±5% 3: 3.3 VDC ±5% 5: 5.0 x 3.2 mm 3: 3.2 x 2.5 mm 2: 2.5 x 2.0 mm C: CML L: LVDS P: LVPECL N: HCSL XF: 150fs jitter max. XF Family and ASIC L Output Type 2 Package 3 Voltage X Precision 125.000000 Frequency I Temperature Range I: Industrial range ‐40 to +85 °C K: Extended industrial range ‐40 to +105 °C 125.000000 Listed in MHz to 6 digits 015.000000MHz to 999.999999MHz F00.000000 to F99.999999 1500MHz to 1599.999MHz G00.000000 to G99.999999 1600MHz to 1699.999MHz H00.000000 to H99.999999 1700MHz to 1799.999MHz I00.000000 to I99.999999 1800MHz to 1899.999MHz J00.000000 to J99.999999 1900MHz to 1999.999MHz K00.000000 to K99.999999 2000MHz to 2099.999MHz X: ±100ppm VCXO Pull Range; 20K VCXO Bandwidth Y: ±150ppm VCXO Pull Range; 20K VCXO Bandwidth Z: ±200ppm VCXO Pull Range; 20K VCXO Bandwidth 1: 1.8 VDC ±5% 2: 2.5 VDC ±5% 3: 3.3 VDC ±5% 2: 2.5 x 2.0 mm C: CML L: LVDS P: LVPECL N: HCSL XF: 150fs jitter max. |