| Moteur de recherche de fiches techniques de composants électroniques |
|
STN3PF06 Fiches technique(PDF) 5 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STN3PF06 Fiches technique(HTML) 5 Page - STMicroelectronics |
|
5 / 12 page ![]() STN3PF06 Electrical characteristics 5/12 Note: For the p-channel Power MOSFET actual polarity of voltages and current has to be reversed Table 6. Switching times Symbol Parameter Test conditions Min. Typ. Max. Unit td(on) tr Turn-on delay time Rise time VDD= 30 V, ID=6 A, RG=4.7 Ω, VGS=10 V (see Figure 13) 20 40 ns ns td(off) tf Turn-off delay time Fall time VDD= 30 V, ID=6 A, RG=4.7 Ω, VGS=10 V (see Figure 13) 40 10 ns ns tr(Voff) tf tc Off-voltage rise time Fall time Cross-over time Vclamp= 48 V, ID=12 A, RG=4.7 Ω, VGS=10 V (see Figure 13) 10 17 30 ns ns ns Table 7. Source drain diode Symbol Parameter Test conditions Min Typ. Max Unit ISD ISDM (1) 1. Pulse width limited by Tjmax Source-drain current Source-drain current (pulsed) 2.5 10 A A VSD (2) 2. Pulsed: pulse duration = 300 µs, duty cycle 1.5% Forward on voltage ISD = 1.5 A, VGS = 0 1.2 V trr Qrr IRRM Reverse recovery time Reverse recovery charge Reverse recovery current ISD = 12 A, di/dt = 100 A/µs VDD = 30 V, Tj =150 °C 100 260 5.2 ns µC A |