Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STN3PF06 Fiches technique(PDF) 4 Page - STMicroelectronics

No de pièce STN3PF06
Description  P-channel 60 V - 0.20 Ω - 2.5 A - SOT-223 STripFET??II Power MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STN3PF06 Fiches technique(HTML) 4 Page - STMicroelectronics

  STN3PF06 Datasheet HTML 1Page - STMicroelectronics STN3PF06 Datasheet HTML 2Page - STMicroelectronics STN3PF06 Datasheet HTML 3Page - STMicroelectronics STN3PF06 Datasheet HTML 4Page - STMicroelectronics STN3PF06 Datasheet HTML 5Page - STMicroelectronics STN3PF06 Datasheet HTML 6Page - STMicroelectronics STN3PF06 Datasheet HTML 7Page - STMicroelectronics STN3PF06 Datasheet HTML 8Page - STMicroelectronics STN3PF06 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Electrical characteristics
STN3PF06
4/12
2
Electrical characteristics
(TCASE=25 °C unless otherwise specified)
Note:
For the p-channel Power MOSFET actual polarity of voltages and current has to be reversed
Table 4.
On/off states
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source
breakdown voltage
ID = 250 µA, VGS = 0
60
V
IDSS
Zero gate voltage
drain current (VGS = 0)
VDS = Max rating
VDS = Max rating, TC=125 °C
1
10
µA
µA
ID(on)
On state drain current
VDS > ID(on) x RDS(on)max,
VGS =10 V
2.5
A
IGSS
Gate-body leakage
current (VDS = 0)
VGS = ±20 V
±100
nA
VGS(th)
Gate threshold voltage
VDS = VGS, ID = 250 µA
2
4
V
RDS(on)
Static drain-source on
resistance
VGS = 10 V, ID = 1.5 A
0.20
0.22
Ω
Table 5.
Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max. Unit
gfs
Forward transconductance
VDS > ID(on) x RDS(on)max,
ID= 1.25 A
1.5
S
Ciss
Coss
Crss
Input capacitance
Output capacitance
Reverse transfer
capacitance
VDS = 25 V, f = 1 MHz,
VGS = 0
850
230
75
pF
pF
pF
Qg
Qgs
Qgd
Total gate charge
Gate-source charge
Gate-drain charge
ID = 12 A, VDD = 48 V,
VGS = 10 V
(see Figure 14)
16
4
6
21
nC
nC
nC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12