Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STN3PF06 Fiches technique(PDF) 1 Page - STMicroelectronics

No de pièce STN3PF06
Description  P-channel 60 V - 0.20 Ω - 2.5 A - SOT-223 STripFET??II Power MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STN3PF06 Fiches technique(HTML) 1 Page - STMicroelectronics

  STN3PF06 Datasheet HTML 1Page - STMicroelectronics STN3PF06 Datasheet HTML 2Page - STMicroelectronics STN3PF06 Datasheet HTML 3Page - STMicroelectronics STN3PF06 Datasheet HTML 4Page - STMicroelectronics STN3PF06 Datasheet HTML 5Page - STMicroelectronics STN3PF06 Datasheet HTML 6Page - STMicroelectronics STN3PF06 Datasheet HTML 7Page - STMicroelectronics STN3PF06 Datasheet HTML 8Page - STMicroelectronics STN3PF06 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
March 2008
Rev 4
1/12
12
STN3PF06
P-channel 60 V - 0.20
Ω - 2.5 A - SOT-223
STripFET™ II Power MOSFET
Features
■ Extremely dv/dt capability
■ 100% avalanche tested
■ Application oriented characterization
Application
■ Switching applications
Description
This Power MOSFET is the latest development of
STMicroelectronics unique “single feature size”
strip-based process. The resulting transistor
shows extremely high packing density for low on-
resistance, rugged avalanche characteristics and
less critical alignment steps therefore a
remarkable manufacturing reproducibility.
Figure 1.
Internal schematic diagram
Type
VDSS
RDS(on)
max
ID
STN3PF06
60 V
< 0.22
Ω
2.5 A
1
2
2
3
SOT-223
Table 1.
Device summary
Order code
Marking
Package
Packaging
STN3PF06
N3PF06
SOT-223
Tape and reel
www.st.com


Numéro de pièce similaire - STN3PF06

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STN3PF06 STMICROELECTRONICS-STN3PF06 Datasheet
118Kb / 6P
P-CHANNEL 60V - 0.18ohm - 3A SOT-223 STripFET™ II POWER MOSFET
Jan-2001
logo
VBsemi Electronics Co.,...
STN3PF06 VBSEMI-STN3PF06 Datasheet
929Kb / 7P
P-Channel 60-V (D-S) MOSFET
More results

Description similaire - STN3PF06

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STN2NF10 STMICROELECTRONICS-STN2NF10 Datasheet
259Kb / 8P
N-CHANNEL 100V - 0.23ohm - 2A SOT-223 STripFET™ II POWER MOSFET
Dec-2001
STN3NF06 STMICROELECTRONICS-STN3NF06 Datasheet
283Kb / 8P
N-CHANNEL 60V - 0.07ohm - 4A SOT-223 STripFET™ II POWER MOSFET
Dec-2002
STN3PF06 STMICROELECTRONICS-STN3PF06 Datasheet
118Kb / 6P
P-CHANNEL 60V - 0.18ohm - 3A SOT-223 STripFET™ II POWER MOSFET
Jan-2001
STN4NF03L STMICROELECTRONICS-STN4NF03L Datasheet
260Kb / 8P
N-CHANNEL 30V - 0.039ohm - 6.5A SOT-223 STripFET™ II POWER MOSFET
Dec-2002
STN5PF02V STMICROELECTRONICS-STN5PF02V Datasheet
195Kb / 12P
P-channel 20V - 0.065??- 4.2A - SOT-223 2.5V - Drive STripFET??II Power MOSFET
04-Aug-2006
STN4NF03L STMICROELECTRONICS-STN4NF03L_06 Datasheet
228Kb / 12P
N-channel 30V - 0.039ohm - 6.5A - SOT-223 STripFET II Power MOSFET
09-Oct-2006
STN4NF03L STMICROELECTRONICS-STN4NF03L_07 Datasheet
232Kb / 12P
N-channel 30 V - 0.039 Ω - 6.5 A - SOT-223 STripFET??II Power MOSFET
11-Dec-2007
STN3NF06L STMICROELECTRONICS-STN3NF06L_08 Datasheet
251Kb / 12P
N-channel 60 V, 0.07 Ω, 4 A, SOT-223 STripFET??II Power MOSFET
12-Jun-2008
STN3P6F6 STMICROELECTRONICS-STN3P6F6 Datasheet
1Mb / 12P
P-channel 60 V, 0.13 Ω typ., 3 A STripFET™VI DeepGATE??Power MOSFET in a SOT-223 package
14-Mar-2013
STN4NF06L STMICROELECTRONICS-STN4NF06L Datasheet
611Kb / 12P
N-channel 60 V, 0.07 廓, 4 A SOT-223 STripFET??II Power MOSFET
29-Apr-2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12