Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FZ-S/SC Fiches technique(PDF) 48 Page - Omron Electronics LLC

No de pièce FZ-S/SC
Description  AI-based defect detection that exceeds the ability of expert inspectors
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OMRON [Omron Electronics LLC]
Site Internet  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

FZ-S/SC Fiches technique(HTML) 48 Page - Omron Electronics LLC

Back Button FZ-S/SC Datasheet HTML 44Page - Omron Electronics LLC FZ-S/SC Datasheet HTML 45Page - Omron Electronics LLC FZ-S/SC Datasheet HTML 46Page - Omron Electronics LLC FZ-S/SC Datasheet HTML 47Page - Omron Electronics LLC FZ-S/SC Datasheet HTML 48Page - Omron Electronics LLC FZ-S/SC Datasheet HTML 49Page - Omron Electronics LLC FZ-S/SC Datasheet HTML 50Page - Omron Electronics LLC FZ-S/SC Datasheet HTML 51Page - Omron Electronics LLC FZ-S/SC Datasheet HTML 52Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 54 page
background image
FH-Series
48
3Z4S-LE
VS-1614H1N
VS-2514H1
VS-5018H1
SV-7525H
SV-10028H
VS-0618H1
VS-0814H1
VS-1214H1
VS-3514H1
10
100
1,000
10,000
10
100
1,000
Field of vision (mm)
t1
t1
t1
t1
t1
t1
t2
t2
t5
t5
t0.5
t0.5
t1
t1
t5
t5
t10
t10
t0.5
t0.5
t1
t1
t2
t2
t5
t5
t10
t10
t15
t15
t1
t1
t2
t2
t5
t5
t10
t10
t15
t15
t20
t20
t25
t25
t30
t30
t0.5
t0.5
t2
t2
t20
t20
t25
t25
t30
t30
t35
t35
t40
t40
t5
t5
t10
t10
t15
t15
t20
t20
t25
t25
t30
t30
t35
t35
t40
t40
t0
t0
t15
t15
t10
t10
t5
t5
t0
t0
t0
t0
t2
t2
t0
t0
t0
t0
t0.5
t0.5
t0.5
t0.5
t0
t0
t0
t0
t0
t0
t0.5
t0.5
t0
t0
t1
t1
t1
t2
t5
t0.5
t1
t5
t10
t0.5
t1
t2
t5
t10
t15
t1
t2
t5
t10
t15
t20
t25
t30
t0.5
t2
t20
t25
t30
t35
t40
t5
t10
t15
t20
t25
t30
t35
t40
t0
t15
t10
t5
t0
t0
t2
t0
t0
t0.5
t0.5
t0
t0
t0
t0.5
t0
High-speed Digital CMOS Camera
FH-S
@04
4 million-pixel
(Using 3Z4S-LE SV-H/VS-H1 Series)
Field of vision (mm)
10
100
3Z4S-LE
VS-L5028/M42-10
VS-L8540/M42-10
VS-L10028/M42-10
VS-L1828/M42-10
VS-L2526/M42-10
VS-L3528/M42-10
1,000
10
100
1,000
10,000
t40
t40
t30
t20
t20
t20
t20
t10
t10
t10
t10
t8
t8
t8
t2
t2
t1
t10
t0
t0
t0
t0
t0
t0
High-speed Digital CMOS Camera
FH-S
@12
12 million-pixel
(Using 3Z4S-LE VS-L/M42-10 Series)
VS-HVA5024
VS-HVA3522
VS-HVA2524
VS-HVA1626
VS-HVA1226
3Z4S-LE
Field of vision (mm)
100
1,000
5,000
1,000
100
10
High-speed Digital CMOS Camera
FH-S
@X12
12 million-pixel
(Using 3Z4S-LE VS-HVA Series)
Field of vision (mm)
VS-HVA5024
VS-HVA3522
VS-HVA2524
VS-HVA1626
VS-HVA1226
3Z4S-LE
100
1,000
5,000
1,000
100
10
Digital CMOS Camera
FH-S
@21R
20.4 million-pixel
(Using 3Z4S-LE VS-HVA Series)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54