| Moteur de recherche de fiches techniques de composants électroniques |
|
FZ-S/SC Fiches technique(PDF) 10 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
FZ-S/SC Fiches technique(HTML) 10 Page - Omron Electronics LLC |
|
10 / 54 page ![]() 10 Software for flexible automation Flexible image capture Camera Image Input HDR helps create optimized HDR images under variable ambient conditions. Once you specify the optimum area to capture on the image, the FH Series automatically adjusts the shutter speed while capturing images and combining the images. Adjusts brightness to suit your specified area Low contrast makes the surface appear uniform. While the contrast around the pins is low, reduced reflection enables capturing a clear image of the entire connector. The Multi-Trigger Imaging function can capture images and process them in parallel, leveraging the speed of the multi-core processor to capture long objects at high speeds. Increased contrast reveals many scratches and blemishes. Previously Optimized for the entire field of view Parallel processing Combine + display result Combine + display result Process Process Process Process Capture 1 Capture 2 Capture 3 Capture 4 Capture 1 Capture 3 Capture 2 Capture 4 Although reflection occurs at the surrounding part, a clear image of the pins can be captured. HDR high-contrast image Optimized for the connector Detects low-contrast defects in high-contrast mode Conventional vision sensor FH Series Camera Image Input HDR optimizes contrast Multi-Trigger Imaging captures long objects at high speeds Capture 3 Capture 4 Capture 2 Capture 1 |