| Moteur de recherche de fiches techniques de composants électroniques |
|
FZ-S/SC Fiches technique(PDF) 46 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
FZ-S/SC Fiches technique(HTML) 46 Page - Omron Electronics LLC |
|
46 / 54 page ![]() FH-Series 46 Optical Chart Standard Lenses Extension Tube thickness: t @ (mm) X Field of vision (mm) Lens Camera distance (mm) WD (mm) Camera Y Meaning of Optical Chart The X axis of the optical chart shows the field of vision (mm) (*1), and the Y axis of the optical chart shows the camera installation distance (mm) (*2). *1. The lengths of the fields of vision given in the optical charts are the lengths of the Y axis. *2. The vertical axis represents WD for small cameras. To select a lens, use the WEB Selector. https://www.fa.omron.co.jp/lens_en 30 100 1,000 10,000 2 10 100 1,000 3Z4S-LE SV-03514V SV-04514V SV-7527V SV-10035V SV-5018V SV-0614V SV-1214V SV-0813V SV-1614V SV-3518V SV-2514V Field of vision (mm) t0 t5 t10 t15 t20 t25 t40 t30 t50 t50 t0 t5 t10 t15 t20 t25 t40 t2 t5 t10 t15 t20 t25 t30 t40 t1 t5 t10 t15 t20 t25 t1 t2 t5 t10 t15 t20 t0.5 t1 t2 t5 t0.5 t1 t2 t0.5 t1 t0.5 t1 t1 t0.5 t0.5 t30 t0 t0 t0 t0 t0 t0 t0 t0 t0 High-speed Digital CMOS Camera FH-S @, Digital CCD Camera FZ-S @ 300,000-pixel (Using 3Z4S-LE SV-V Series) 1 10 100 1,000 10 100 1,000 10,000 3Z4S-LE SV-0614V SV-1214V SV-03514V SV-04514V SV-0813V SV-1614V SV-3518V SV-7527V SV-10035V SV-5018V SV-2514V t0 t2 t5 t10 t15 t20 t25 t30 t35 t40 t0 t2 t5 t10 t15 t20 t25 t30 t35 t40 t0 t2 t5 t10 t15 t20 t25 t30 t35 t40 t0 t2 t5 t10 t15 t20 t25 t30 t35 t40 t0 t1 t2 t5 t10 t15 t20 t25 t30 t35 t40 t0 t0.5 t1 t2 t5 t10 t15 t20 t0 t0.5 t1 t2 t5 t10 t0 t0.5 t1 t2 t0 t0.5 t1 t2 t0 t0.5 t1 t0 t0.5 t1 t0 t2 t5 t10 t15 t20 t25 t30 t35 t40 t0 t2 t5 t10 t15 t20 t25 t30 t35 t40 t0 t2 t5 t10 t15 t20 t25 t30 t35 t40 t0 t2 t5 t10 t15 t20 t25 t30 t35 t40 t0 t1 t2 t5 t10 t15 t20 t25 t30 t35 t40 t0 t0.5 t1 t2 t5 t10 t15 t20 t0 t0.5 t1 t2 t5 t10 t0 t0.5 t1 t2 t0 t0.5 t1 t2 t0 t0.5 t1 t0 t0.5 t1 Field of vision (mm) High-speed Digital CMOS Camera FH-S @X 400,000-pixel (Using 3Z4S-LE SV-V Series) 10 100 1,000 3 100 1,000 10,000 30 t0 t5 t10 t15 t20 t25 t30 t40 t0 t5 t10 t15 t20 t25 t30 t0 t2 t5 t10 t15 t0 t2 t5 t0 t1 t2 t0 t0.5 t1 t0 t0.5 3Z4S-LE SV-2514H SV-3514H SV-5014H SV-7525H SV-10028H SV-0614H SV-0814H SV-1214H SV-1614H t15 t25 t30 t50 t40 t20 t10 t5 t0 t50 t40 t30 t25 t20 t15 t10 t5 t0 Field of vision (mm) Digital CCD Camera FZ-S @2M 2 million-pixel (Using 3Z4S-LE SV-H Series) 30 100 1,000 10,000 10 5 100 1,000 3Z4S-LE SV-2514H SV-3514H SV-5014H SV-7525H SV-10028H SV-0614H SV-0814H SV-1214H SV-1614H t0 t5 t10 t15 t20 t 25 t 30 t 40 t 0 t5 t10 t15 t20 t25 t 30 t0 t2 t5 t10 t15 t0 t2 t5 t0 t1 t2 t0 t0.5 t1 t0 t0.5 t20 t 30 t50 t40 t25 t10 t5 t0 t50 t40 t30 t25 t20 t15 t10 t5 t0 t15 Field of vision (mm) Digital CMOS Camera FZ-S @5M3, High-speed Digital CMOS Camera FH-S @X05 5 million-pixel (Using 3Z4S-LE SV-H Series) |