| Moteur de recherche de fiches techniques de composants électroniques |
|
F3SG-R Fiches technique(PDF) 52 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
F3SG-R Fiches technique(HTML) 52 Page - Omron Electronics LLC |
|
52 / 164 page ![]() F3SG-RR 52 List of Models/Response Time/Current Consumption/Weight F3SG-4RR @@@@-14 *1. The maximum speed of movement of a test rod up to which the detection capability is maintained is 2.0 m/s. *2. The response times are values when Scan Code is set at Code B. The response times for Code A are 1 ms shorter than these values. *3. The net weight is the weight of an emitter and a receiver. *4. The gross weight is the weight of an emitter, a receiver, included accessories and a package. F3SG-4RR @@@@-25 *1. The maximum speed of movement of a test rod up to which the detection capability is maintained is 2.0 m/s. *2. The response times are values when Scan Code is set at Code B. The response times for Code A are 1 ms shorter than these values. *3. The net weight is the weight of an emitter and a receiver. *4. The gross weight is the weight of an emitter, a receiver, included accessories and a package. Model Number of Beams Protective Height [mm] (Overall length) Response Time [ms] *1 Current Consumption [mA] Weight [kg] ON → OFF *2 OFF (Synchronized) → ON OFF (Not synchronized) → ON Emitter Receiver Net *3 Gross *4 F3SG-4RR0240-14 23 240 8 40 140 45 75 0.7 1.5 F3SG-4RR0320-14 31 320 8 40 140 55 75 0.9 1.7 F3SG-4RR0400-14 39 400 8 40 140 60 80 1.1 2.0 F3SG-4RR0480-14 47 480 13 65 165 50 80 1.3 2.3 F3SG-4RR0560-14 55 560 13 65 165 55 80 1.5 2.5 F3SG-4RR0640-14 63 640 13 65 165 60 85 1.7 2.8 F3SG-4RR0720-14 71 720 13 65 165 65 85 1.9 3.1 F3SG-4RR0800-14 79 800 13 65 165 65 90 2.1 3.4 F3SG-4RR0880-14 87 880 13 65 165 70 90 2.4 3.6 F3SG-4RR0960-14 95 960 13 65 165 75 90 2.6 3.9 F3SG-4RR1040-14 103 1040 13 65 165 80 95 2.8 4.2 F3SG-4RR1120-14 111 1120 13 65 165 85 95 3.0 4.4 F3SG-4RR1200-14 119 1200 13 65 165 90 100 3.2 4.7 F3SG-4RR1280-14 127 1280 13 65 165 95 100 3.4 5.0 F3SG-4RR1360-14 135 1360 13 65 165 95 105 3.6 5.3 F3SG-4RR1440-14 143 1440 18 90 190 85 105 3.8 5.5 F3SG-4RR1520-14 151 1520 18 90 190 90 105 4.0 5.8 F3SG-4RR1600-14 159 1600 18 90 190 90 110 4.2 6.1 F3SG-4RR1680-14 167 1680 18 90 190 95 110 4.4 6.3 F3SG-4RR1760-14 175 1760 18 90 190 100 115 4.6 6.6 F3SG-4RR1840-14 183 1840 18 90 190 100 115 4.8 6.9 F3SG-4RR1920-14 191 1920 18 90 190 105 120 5.0 7.2 Model Number of Beams Protective Height [mm] (Overall length) Response Time [ms] *1 Current Consumption [mA] Weight [kg] ON → OFF *2 OFF (Synchronized) → ON OFF (Not synchronized) → ON Emitter Receiver Net *3 Gross *4 F3SG-4RR0240-25 12 240 8 40 140 35 75 0.7 1.6 F3SG-4RR0320-25 16 320 8 40 140 40 75 0.9 1.9 F3SG-4RR0400-25 20 400 8 40 140 45 75 1.1 2.1 F3SG-4RR0480-25 24 480 8 40 140 50 75 1.3 2.4 F3SG-4RR0560-25 28 560 8 40 140 50 75 1.5 2.7 F3SG-4RR0640-25 32 640 8 40 140 55 75 1.7 3.0 F3SG-4RR0720-25 36 720 8 40 140 60 80 1.9 3.2 F3SG-4RR0800-25 40 800 8 40 140 65 80 2.1 3.5 F3SG-4RR0880-25 44 880 13 65 165 50 80 2.3 3.8 F3SG-4RR0960-25 48 960 13 65 165 50 80 2.5 4.0 F3SG-4RR1040-25 52 1040 13 65 165 55 80 2.7 4.3 F3SG-4RR1120-25 56 1120 13 65 165 55 85 2.9 4.6 F3SG-4RR1200-25 60 1200 13 65 165 55 85 3.1 4.9 F3SG-4RR1280-25 64 1280 13 65 165 60 85 3.3 5.1 F3SG-4RR1360-25 68 1360 13 65 165 60 85 3.5 5.4 F3SG-4RR1440-25 72 1440 13 65 165 65 85 3.7 5.7 F3SG-4RR1520-25 76 1520 13 65 165 65 90 3.9 5.9 F3SG-4RR1600-25 80 1600 13 65 165 70 90 4.1 6.2 F3SG-4RR1680-25 84 1680 13 65 165 70 90 4.3 6.5 F3SG-4RR1760-25 88 1760 13 65 165 70 90 4.5 6.7 F3SG-4RR1840-25 92 1840 13 65 165 75 90 4.7 7.0 F3SG-4RR1920-25 96 1920 13 65 165 75 95 4.9 7.3 |